Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7806 Datasheet (PDF) - Texas Instruments

ADS7806 Datasheet PDF - Texas Instruments
Part # ADS7806
Download  ADS7806 Download
File Size   562.17 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER

ADS7806 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7806 Datasheet PDF - Texas Instruments

Part # ADS7806
Download  ADS7806 Click to download

File Size   562.17 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER

ADS7806 Datasheet (HTML) - Texas Instruments


ADS7806 Product details

FEATURES
POWER DISSIPATION: 35mW max
POWER-DOWN MODE: 50μW
ACQUISITION AND CONVERSION: 25μs max
±1/2 LSB MAX INL AND DNL
72dB MIN SINAD WITH 1kHz INPUT
INPUT RANGES: ±10V, 0V to +5V, and 0V TO +4V
SINGLE +5V SUPPLY OPERATION
PARALLEL AND SERIAL DATA OUTPUT
PIN-COMPATIBLE WITH THE 16-BIT ADS7807
USES INTERNAL OR EXTERNAL REFERENCE
0.3" DIP-28 AND SO-28

DESCRIPTION
The ADS7806 is a low-power, 12-bit, sampling Analog-to-
Digital (A/D) converter using state of the art CMOS structures.
It contains a complete 12-bit, capacitor-based, Successive
Approximation Register (SAR) A/D converter with sampleand-
hold, clock, reference, and a microprocessor interface with
parallel and serial output drivers.
The ADS7806 can acquire and convert to full 12-bit accuracy
in 25μs max, while consuming only 35mW max. Laser
trimmed scaling resistors provide standard industrial input
ranges of ±10V and 0V to +5V. In addition, a 0V to +4V range
allows development of complete single-supply systems.
The ADS7806 is available in a 0.3" DIP-28 and SO-28, both
fully specified for operation over the industrial –40°C to
+85°C temperature range.




Similar Part No. - ADS7806

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 TI2-ADS7806 Datasheet
932Kb / 40P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
REVISED JUNE 2009
logo
Burr-Brown (TI)
ADS7806P BURR-BROWN-ADS7806P Datasheet
209Kb / 18P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806PB BURR-BROWN-ADS7806PB Datasheet
209Kb / 18P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Similar Description - ADS7806

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com