Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8371 Datasheet (PDF) - Texas Instruments

ADS8371 Datasheet PDF - Texas Instruments
Part # ADS8371
Download  ADS8371 Download
File Size   571.94 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, 750-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE

ADS8371 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8371 Datasheet PDF - Texas Instruments

Part # ADS8371
Download  ADS8371 Click to download

File Size   571.94 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, 750-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE

ADS8371 Datasheet (HTML) - Texas Instruments


ADS8371 Product details

FEATURES
750-KSPS Sample Rate
High Linearity:
− +0.9 LSB INL Typ, 1.5 LSB Max
− −0.4/+0.6 LSB DNL Typ, 1 LSB Max
Onboard Reference Buffer and Conversion
Clock
0 V to 4.096 V Unipolar Inputs
Low Noise: 88 dB SNR
High Dynamic Range: 110 dB SFDR
Very Low Offset and Offset Drift
Low Power: 130 mW at 750 KSPS
Wide Buffer Supply, 2.7 V to 5.25 V
Flexible 8-/16-Bit Parallel Interface
Direct Pin Compatible With
ADS8381/ADS8383
48-Pin TQFP Package

APPLICATIONS
Medical Instruments
Optical Networking
Transducer Interface
High Accuracy Data Acquisition Systems
Magnetometers

DESCRIPTION
The ADS8371 is an 16-bit, 750 kHz A/D converter. The
device includes a 16-bit capacitor-based SAR A/D
converter with inherent sample and hold. The ADS8371
offers a full 16-bit interface or an 8-bit bus option using two
read cycles.
The ADS8371 is available in a 48-lead TQFP package and
is characterized over the industrial −40°C to 85°C
temperature range.




Similar Part No. - ADS8371

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8371 BURR-BROWN-ADS8371 Datasheet
1Mb / 30P
16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8371 TI-ADS8371 Datasheet
959Kb / 29P
16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
ADS8371 TI1-ADS8371 Datasheet
1,003Kb / 36P
ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8371EVM TI-ADS8371EVM Datasheet
516Kb / 33P
Read This First
More results


Similar Description - ADS8371

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8383 TI-ADS8383 Datasheet
166Kb / 29P
18-BIT, 500-kHz, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8381 TI-ADS8381 Datasheet
391Kb / 35P
18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com