Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM-10 Datasheet (PDF) - Coherent Corp

LM-10 Datasheet PDF - Coherent Corp
Part # LM-10
Download  LM-10 Download
File Size   342.12 Kbytes
Page   4 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Position Sensing Air-Cooled Thermopile Sensors to 200 W

LM-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM-10 Datasheet PDF - Coherent Corp

Part # LM-10
Download  LM-10 Click to download

File Size   342.12 Kbytes
Page   4 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Position Sensing Air-Cooled Thermopile Sensors to 200 W

LM-10 Datasheet (HTML) - Coherent Corp


LM-10 Product details

FEATURES
• 10 mW to 200 W range
• Broadband coatings
• 0.25 to 10.6 μm spectral range
• Convective air-cooled

APPLICATIONS
• Medical
• Scientific
• Industrial
• General Laser Power Measurement to 200 W




Similar Part No. - LM-10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
LM-1000 OKI-LM-1000 Datasheet
2Mb / 4P
Create Your Own Rework System
logo
Metcal
LM-1000A METCAL-LM-1000A Datasheet
2Mb / 4P
Modular Convection Rework System
logo
Roithner LaserTechnik G...
LM-101-A102 ROITHNER-LM-101-A102 Datasheet
112Kb / 2P
650nm Diode Line Laser Module
LM-101-A16 ROITHNER-LM-101-A16 Datasheet
110Kb / 2P
650nm Diode Laser Module
LM-101-A4 ROITHNER-LM-101-A4 Datasheet
158Kb / 2P
650nm Diode Laser Module
More results


Similar Description - LM-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90247B ETC-MLX90247B Datasheet
51Kb / 4P
Thermopile w/On-Chip Thermistor
MLX90247C ETC2-MLX90247C Datasheet
51Kb / 4P
Thermopile w/NTC Thermistor
logo
Power-One
ABC300 POWER-ONE-ABC300 Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
XP Power Limited
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
250 W Convection-cooled
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
100 W - Baseplate Cooled
ECC XPPOWER-ECC Datasheet
318Kb / 2P
100 W - Baseplate Cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
100 W Convection-cooled
logo
Bel Fuse Inc.
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
200 W with Forced-Air Cooling
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com