Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

428170011 Datasheet (PDF) - Molex Electronics Ltd.

428170011 Datasheet PDF - Molex Electronics Ltd.
Part # 428170011
Download  428170011 Download
File Size   71.15 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 10.00mm Pitch Mini-Fit Sr. Crimp Terminals, 12-10 AWG

428170011 Datasheet (PDF)

Go To PDF Page Download Datasheet
428170011 Datasheet PDF - Molex Electronics Ltd.

Part # 428170011
Download  428170011 Click to download

File Size   71.15 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 10.00mm Pitch Mini-Fit Sr. Crimp Terminals, 12-10 AWG

428170011 Datasheet (HTML) - Molex Electronics Ltd.


428170011 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for 10.00mm
Pitch Mini-Fit Sr. Crimp Terminals,
12-10 AWG
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name Mini-Fit Sr.
Tool Type Hand Crimp Tool
UPC 193264551811
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 428170011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
428170011 MOLEX-428170011 Datasheet
70Kb / 3P
Hand Crimp Tool for Mini-Fit Sr. Male and Female Terminals, 5.00mm² and 6.00mm² Wire
Jun 18, 2025
More results


Similar Description - 428170011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-1600 MOLEX11-63811-1600 Datasheet
152Kb / 4P
10.00mm (.394?? Pitch Mini-Fit Sr. ??Crimp Terminals, 10-12 AWG.
ATS-638111500 MOLEX-ATS-638111500 Datasheet
184Kb / 4P
Hand Crimp Tool for Mini-Fit Sr. ??Crimp Terminals
09-21-16
ATS-638111600 MOLEX-ATS-638111600 Datasheet
163Kb / 4P
Hand Crimp Tool for Mini-Fit Sr.??Crimp Terminals
09-21-16
ATS-2002181500 MOLEX-ATS-2002181500 Datasheet
1Mb / 6P
Hand Crimp Tool for Mini-Fit Sr. Crimp Terminals
06-28-17
ATS-2002181600 MOLEX-ATS-2002181600 Datasheet
1Mb / 6P
Hand Crimp Tool for Mini-Fit Sr. Crimp Terminals
10-19-17
63811-5000 MOLEX-63811-5000 Datasheet
289Kb / 8P
Hand Crimp Tool for Mini-Fit??Crimp Terminals
03-27-08
200218-8600 MOLEX-200218-8600 Datasheet
663Kb / 6P
Hand Crimp Tool for Mini-Fit Sr. Crimp Terminals
09-29-21
200218-8600 MOLEX2-200218-8600 Datasheet
663Kb / 6P
Hand Crimp Tool for Mini-Fit Sr. Crimp Terminals
09-29-21
0638113800 MOLEX-0638113800 Datasheet
33Kb / 2P
PremiumGrade Hand Crimp Tool for 10.00mm Mini-Fit Sr. Male and Female Terminals, 14-16 AWG
08/25/2022
2002188700 MOLEX-2002188700 Datasheet
28Kb / 2P
Hand Crimp Tool for 10.00mm Pitch Mini-Fit Sr. Crimp Terminals, 8 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com