Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1328 Datasheet (PDF) - NTE Electronics

NTE1328 Datasheet PDF - NTE Electronics
Part # NTE1328
Download  NTE1328 Download
File Size   82.75 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Module − Hybrid, Audio Power Amp50W 2 Power Supplies Required

NTE1328 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1328 Datasheet PDF - NTE Electronics

Part # NTE1328
Download  NTE1328 Click to download

File Size   82.75 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Module − Hybrid, Audio Power Amp50W 2 Power Supplies Required

NTE1328 Datasheet (HTML) - NTE Electronics


NTE1328 Product details

Integrated Circuit Module − Hybrid, Audio Power Amp50W 2 Power Supplies Required

Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
   Maximum Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . .  . . . . . . . . . . ±50V
   Collector Current, ICmax . . . . . . . . . . . . . .. . . . . . . . . . . . . . . . . . . . 7A
   Operating Case Temperature, TC . . . . . . . . . . . . . . . . . . .  . . . . . . . . . . . +85°C
   Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . .. . . −30° to +100°C
   Thermal Resistance, Junction to Case, RΘJC . . . . . . . . . . . . .  . . . . 1.7°C/W

Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
   Recommended Operating Voltage, VCC . . . . . . . . . . . . . . . . . . . .  . . . ±35V
   Load Resistance, RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8Ω




Similar Part No. - NTE1328

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE132 NTE-NTE132 Datasheet
20Kb / 2P
Silicon N-Channel JFET Transistor VHF Amplifier, Mixer
NTE1320 NTE-NTE1320 Datasheet
21Kb / 2P
Integrated Circuit Module, Hybrid, Audio Power Amp, 25W, 2 Power Supplies Required
NTE1323 NTE-NTE1323 Datasheet
21Kb / 2P
Integrated Circuit Module, Hybrid, Audio Power Amp, 15 Watt
NTE1329 NTE-NTE1329 Datasheet
82Kb / 2P
Integrated Circuit Module − Hybrid, Audio Power Amp 20 Watt, 2 Power Supplies Required
More results


Similar Description - NTE1328

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1320 NTE-NTE1320 Datasheet
21Kb / 2P
Integrated Circuit Module, Hybrid, Audio Power Amp, 25W, 2 Power Supplies Required
NTE1330 NTE-NTE1330 Datasheet
21Kb / 2P
Integrated Circuit Module - Hybrid, Dual, Audio Power Amplifier, 15W/Ch, 2 Power Supplies Required
NTE1331 NTE-NTE1331 Datasheet
20Kb / 2P
Integrated Circuit Module - Dual, Audio Power Amplifier, 25W/Channel, 2 Power Supplies Required
NTE1345 NTE-NTE1345 Datasheet
21Kb / 2P
Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 30W/Ch, 2 Power Supplies Required
NTE1347 NTE-NTE1347 Datasheet
20Kb / 2P
Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 20W/Ch, 2 Power Supplies Required
NTE1340 NTE-NTE1340 Datasheet
56Kb / 2P
Integrated Circuit Module, Hybrid, Audio Power Amplifier, 24W 2 Power Supplies Required
NTE1282 NTE-NTE1282 Datasheet
79Kb / 2P
Integrated Circuit Module − Hybrid, Audio Power Amplifier, 35W
NTE1281 NTE-NTE1281 Datasheet
78Kb / 2P
Integrated Circuit Module − Hybrid, Audio Power Amplifier, 50W
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
NTE1329 NTE-NTE1329 Datasheet
82Kb / 2P
Integrated Circuit Module − Hybrid, Audio Power Amp 20 Watt, 2 Power Supplies Required
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com