Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26200 Datasheet (PDF) - Texas Instruments

BQ26200 Datasheet PDF - Texas Instruments
Part # BQ26200
Download  BQ26200 Download
File Size   654.74 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY

BQ26200 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ26200 Datasheet PDF - Texas Instruments

Part # BQ26200
Download  BQ26200 Click to download

File Size   654.74 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY

BQ26200 Datasheet (HTML) - Texas Instruments


BQ26200 Product details

FEATURES
Multifunction Monitoring Device Designed to
Work With an Intelligent Host Controller
− Provides State of Charge Information for
Rechargeable Batteries
− Enhances Charge Termination
High Accuracy Coulometric Charge and
Discharge Current Integration With Automatic
Offset Compensation
Differential Current Sense
32 Bytes of General-Purpose RAM
96 Bytes of Flash (Including 32 Bytes of
Shadow Flash)
8 Bytes of ID ROM
Internal Temperature Sensor Eliminates Need
for External Thermistor
Multifunction Digital Output Port
High-Accuracy Internal Timebase Eliminates
External Crystal Oscillator
Low Power Consumption
− Operating : <95 μA
− Sleep: <2 μA
Single-Wire HDQ Serial Interface
8-Lead TSSOP Package

DESCRIPTION
The bq26200 is an advanced battery monitoring IC
designed to accurately measure the charge and
discharge currents in rechargeable battery packs.
Intended for pack integration, the bq26200 contains all
the necessary functions to form the basis of a
comprehensive battery capacity management system
in portable applications such as cellular phones, PDA’s,
or other portable products.
The bq26200 works with the host controller in the
portable system to implement the battery management
system. The host controller is responsible for
interpreting the bq26200 data and communicating
meaningful battery data to the end-user or power
management system.
The bq26200 provides 64 bytes of general-purpose
flash memory, 8 bytes of ID ROM and 32 bytes of flash
backed RAM for data storage. The non-volatile memory
can maintain formatted battery monitor information,
identification codes, warranty information, or other
critical battery parameters during periods when the
battery is temporarily shorted or deeply discharged.




Similar Part No. - BQ26200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200 TI-BQ26200 Datasheet
253Kb / 18P
HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
BQ26200 TI1-BQ26200 Datasheet
1Mb / 25P
COLOUMB COUNTER AND FLASH MEMORY
BQ26200PW TI-BQ26200PW Datasheet
253Kb / 18P
HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
BQ26200PW TI1-BQ26200PW Datasheet
1Mb / 25P
COLOUMB COUNTER AND FLASH MEMORY
BQ26200PWG4 TI1-BQ26200PWG4 Datasheet
1Mb / 25P
COLOUMB COUNTER AND FLASH MEMORY
More results


Similar Description - BQ26200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Texas Instruments
BQ26221 TI-BQ26221 Datasheet
284Kb / 20P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
BQ26200 TI-BQ26200 Datasheet
253Kb / 18P
HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
High Performance Microprocessor with Memory Management and Protection
January 28, 2008
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
logo
Texas Instruments
BQ26200 TI1-BQ26200_16 Datasheet
1Mb / 25P
COLOUMB COUNTER AND FLASH MEMORY
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
High Performance Microprocessor with Memory Management and Protection
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com