Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26231PW Datasheet (PDF) - Texas Instruments

BQ26231PW Datasheet PDF - Texas Instruments
Part # BQ26231PW
Download  BQ26231PW Download
File Size   634.58 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS

BQ26231PW Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ26231PW Datasheet PDF - Texas Instruments

Part # BQ26231PW
Download  BQ26231PW Click to download

File Size   634.58 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS

BQ26231PW Datasheet (HTML) - Texas Instruments


BQ26231PW Product details

FEATURES
Multifunction High-Accuracy Coulometric
Charge and Discharge Counter
Ideal for Portable Applications With
Nonremovable Rechargeable Battery Pack
Resolves Signals Less Than 12.5 μV
Internal Offset Calibration Improves Accuracy
128 Bytes of General-Purpose RAM
Internal Temperature Sensor Eliminates the
Need for an External Thermistor
High-Accuracy Internal Timebase Eliminates
External Crystal Oscillator
Low Power Consumption:
– Operating: < 80 μA
– Sleep: < 10 μA
Single-Wire HDQ Serial Interface
Packaging: 8-Lead TSSOP

DESCRIPTION
The bq26231 is a low-cost charge/discharge counter
peripheral in an 8-pin TSSOP. It works with an intelligent
host controller, providing state-of-charge information
for rechargeable Li-Ion, Li-Pol, or NiMH batteries. The
bq26231 measures the voltage drop across a low-value
series sense resistor between the negative terminal of
the battery and the battery pack ground contact. By
using the accumulated counts in the charge, discharge,
and self-discharge registers, an intelligent host
controller can determine battery state-of-charge
information. To improve accuracy, an offset count
register is available. The system host controller is
responsible for the register maintenance by resetting
the charge in/out and self-discharge registers as
needed.
The bq26231 features 13 bytes of registers, which
contain the capacity monitoring and status information.
The RBI input operates from an external power storage
source such as a capacitor or a series cell in the battery
pack, providing register nonvolatility for periods when
the battery is shorted to ground or when the battery
charge state is not sufficient to operate the bq26231.
During this mode, the register backup current is less
than 100 nA. Packaged in an 8-pin TSSOP, the
bq26231 is small enough to fit in the crevice between
two A-size cells or within the width of a prismatic cell.




Similar Part No. - BQ26231PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26231PW TI-BQ26231PW Datasheet
232Kb / 18P
LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
BQ26231PW TI1-BQ26231PW Datasheet
1Mb / 23P
EMBEDDED PORTABLE APPLICATIONS
BQ26231PWG4 TI1-BQ26231PWG4 Datasheet
1Mb / 23P
EMBEDDED PORTABLE APPLICATIONS
BQ26231PWR TI-BQ26231PWR Datasheet
232Kb / 18P
LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
BQ26231PWR TI1-BQ26231PWR Datasheet
1Mb / 23P
EMBEDDED PORTABLE APPLICATIONS
More results


Similar Description - BQ26231PW

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
High-Precision Coulomb Counter
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
logo
Linear Technology
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
Coulomb Counter/ Battery Gas Gauge
logo
Texas Instruments
BQ26231 TI1-BQ26231_15 Datasheet
1Mb / 23P
EMBEDDED PORTABLE APPLICATIONS
logo
Maxim Integrated Produc...
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
Longer Battery Life for Portable Applications
Rev 1; 4/15
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com