Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z110 Datasheet (PDF) - Texas Instruments

BQ34Z110 Datasheet PDF - Texas Instruments
Part # BQ34Z110
Download  BQ34Z110 Download
File Size   678.16 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wide Range Fuel Gauge with Impedance Track™ for Lead-Acid Batteries

BQ34Z110 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ34Z110 Datasheet PDF - Texas Instruments

Part # BQ34Z110
Download  BQ34Z110 Click to download

File Size   678.16 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wide Range Fuel Gauge with Impedance Track™ for Lead-Acid Batteries

BQ34Z110 Datasheet (HTML) - Texas Instruments


BQ34Z110 Product details

1FEATURES
23• Supports Lead-Acid Chemistries
• Capacity Estimation Using Patented
Impedance Track™ Technology for Batteries
from 4 V to 64 V
– Aging Compensation
– Self-Discharge Compensation
• Supports Battery Capacities Above 65 Ahr
• Supports Charge and Discharge Currents
Above 32 A
• External NTC Thermistor Support
• Supports Two-Wire I2C™ and HDQ Single-Wire
Communication Interfaces with Host System
• SHA-1, HMAC Authentication
• One- or Four-LED Direct Display Control
• Five-LED and Higher Display Through Port
Expander
• Reduced Power Modes (Typical Battery Pack
Operating Range Conditions)
– Normal Operation: < 140 μA Average
– Sleep: < 64 μA Average
– Full Sleep: < 19 μA Average
• Package: 14-Pin TSSOP

APPLICATIONS
• Light Electric Vehicles
• Power Tools
• Medical Instrumentation
• Uninterruptible Power Supplies (UPS)
• Mobile Radios

DESCRIPTION
The Texas Instruments bq34z110 is a fuel gauge solution that works independently of battery series-cell
configurations, and supports Lead-Acid battery chemistries. Batteries from 4 V to 64 V can be supported through
an external voltage translation circuit that can be controlled automatically to reduce system power consumption.
The bq34z110 device provides several interface options, including an I2C slave, an HDQ slave, one or four direct
LEDs, and an Alert output pin. Additionally, the bq34z110 provides support for an external port expander for
more than four LEDs.




Similar Part No. - BQ34Z110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z110 TI1-BQ34Z110 Datasheet
226Kb / 11P
Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
bq34z110PW TI1-bq34z110PW Datasheet
226Kb / 11P
Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
bq34z110PWR TI1-bq34z110PWR Datasheet
226Kb / 11P
Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
More results


Similar Description - BQ34Z110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
System-Side Impedance Track??Fuel Gauge
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
System-Side Impedance Track??Fuel Gauge
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z110 TI1-BQ34Z110 Datasheet
226Kb / 11P
Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
System-Side Impedance Track Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
System-Side Impedance Track Fuel Gauge
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com