Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4515BF3A Datasheet (PDF) - Texas Instruments

CD4515BF3A Datasheet PDF - Texas Instruments
Part # CD4515BF3A
Download  CD4515BF3A Download
File Size   643.69 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 4-Bit Latch/4-to-16 Line Decoders

CD4515BF3A Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4515BF3A Datasheet PDF - Texas Instruments

Part # CD4515BF3A
Download  CD4515BF3A Click to download

File Size   643.69 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS 4-Bit Latch/4-to-16 Line Decoders

CD4515BF3A Datasheet (HTML) - Texas Instruments


CD4515BF3A Product details

Features:
® Strobed input latch
® Inhibit contral
u 100% tested for quiescent current at 20 V
® Maximum input current of 1 uA at 18 V
over full package-temperature range;
100 nA at 18 V and 25°C
u Noise margin (over full package temper-
ature range):
1VatVpp= 5V
2VatVpp=10V
25VatVpp=15V
8 5.V, 10-V, ad 15-V parametric ratings
8 Standardized, symmetrical output
characteristics.
® Meets all requirements of JEDEC Tentative -
Standard No. 13B; ‘Standard Specifications
for Description of ‘B* Series CMOS Devices”




Similar Part No. - CD4515BF3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4515BF3A TI-CD4515BF3A Datasheet
222Kb / 12P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4515BF3A TI1-CD4515BF3A Datasheet
995Kb / 15P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4515BF3A TI-CD4515BF3A Datasheet
978Kb / 15P
CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4515BF3A TI1-CD4515BF3A Datasheet
1Mb / 15P
Cmos 4-Bit Latch/4-to-16 Line Decoders
More results


Similar Description - CD4515BF3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
4-Bit Latched/4-to-16 Line Decoders
logo
List of Unclassifed Man...
SCL4515B ETC1-SCL4515B Datasheet
2Mb / 3P
CMOS 4-TO-16 LINE DECODERS WITH LATCH
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
CMOS 4-Bit Latch/4-to-16 Line Decoders
July 14, 2006
logo
Texas Instruments
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
Cmos 4-Bit Latch/4-to-16 Line Decoders
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com