Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR553RHZGTL Datasheet (PDF) - Rohm

2SCR553RHZGTL Datasheet PDF - Rohm
Part # 2SCR553RHZGTL
Download  2SCR553RHZGTL Download
File Size   1630.14 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 2.0A 50V Middle Power Transistor

2SCR553RHZGTL Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR553RHZGTL Datasheet PDF - Rohm

Part # 2SCR553RHZGTL
Download  2SCR553RHZGTL Click to download

File Size   1630.14 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 2.0A 50V Middle Power Transistor

2SCR553RHZGTL Datasheet (HTML) - Rohm


2SCR553RHZGTL Product details

Features
1)Suitable for Middle Power Driver
2)Complementary PNP Types:2SAR553R HZG
3)Low VCE(sat)
VCE(sat)=350mV(Max.) (IC/IB=700mA/35mA)
4) AEC-Q101 Qualified

Application
LOW FREQUENCY AMPLIFIER, HIGH SPEED SWITCHING




Similar Part No. - 2SCR553RHZGTL

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR553P ROHM-2SCR553P Datasheet
234Kb / 5P
Midium Power Transistors (50V / 2A)
2SCR553P ROHM-2SCR553P Datasheet
344Kb / 7P
NPN 2.0A 50V Middle Power Transistor
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
2SCR553PFRA ROHM-2SCR553PFRA Datasheet
1Mb / 8P
Middle Power Transistor (50V / 2A)
2SCR553PT100 ROHM-2SCR553PT100 Datasheet
344Kb / 7P
NPN 2.0A 50V Middle Power Transistor
More results


Similar Description - 2SCR553RHZGTL

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR553PT100 ROHM-2SCR553PT100 Datasheet
344Kb / 7P
NPN 2.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR574D ROHM-2SCR574D Datasheet
803Kb / 7P
NPN 2.0A 80V Middle Power Transistor
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
NPN 2.0A 80V Middle Power Transistor
2SAR553P ROHM-2SAR553P Datasheet
358Kb / 7P
PNP -2.0A -50V Middle Power Transistor
2SAR553R ROHM-2SAR553R Datasheet
1Mb / 9P
PNP -2.0A -50V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
NPN 2.0A 30V Middle Power Transistor
2SCR512RHZG ROHM-2SCR512RHZG Datasheet
1Mb / 9P
NPN 2.0A 30V Middle Power Transistor
20190325 - Rev.001
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com