Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4288-1 Datasheet (PDF) - TEKTRONIX, INC

4288-1 Datasheet PDF - TEKTRONIX, INC
Part # 4288-1
Download  4288-1 Download
File Size   347.7 Kbytes
Page   4 Pages
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC
Description High Speed Power Supplies

4288-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
4288-1 Datasheet PDF - TEKTRONIX, INC

Part # 4288-1
Download  4288-1 Click to download

File Size   347.7 Kbytes
Page   4 Pages
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC
Description High Speed Power Supplies

4288-1 Datasheet (HTML) - TEKTRONIX, INC


4288-1 Product details

• Optimized for battery-powered device testing
• Ultra-fast transient response to load changes
• 5A continuous output
• Pulse peak, average, and baseline current measurements
• 100nA DC current sensitivity

MODEL 2304A
• 100W output (20V @ 5A)
• Sinks up to 3A

MODEL 2303
• 45W output (15V @ 3A, 9V @ 5A)
• Sinks up to 2A




Similar Part No. - 4288-1

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
4288-1 TEKTRONIX-4288-1 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
4288-1 TEKTRONIX-4288-1 Datasheet
402Kb / 6P
7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
TEKTRONIX, INC
4288-1 KEITHLEY-4288-1 Datasheet
93Kb / 2P
Picoammeter/Voltage Source
More results


Similar Description - 4288-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX622 MAXIM-MAX622 Datasheet
352Kb / 12P
High-Side Power Supplies
Rev 0; 4/91
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
High Voltage Power Supplies
logo
TDK Electronics
152A-4KV-NEG TDK-152A-4KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-1KV-POS TDK-102A-1KV-POS Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-5KV-NEG TDK-102A-5KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-20KV-POS TDK-102A-20KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-30KV-NEG TDK-102A-30KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-6KV-POS TDK-102A-6KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com