Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXARTJRTJ Datasheet (PDF) - Infinite Electronics International, Inc.

AXARTJRTJ Datasheet PDF - Infinite Electronics International, Inc.
Part # AXARTJRTJ
Download  AXARTJRTJ Download
File Size   117.76 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP,RP-TNC JACK/JACK BULLET

AXARTJRTJ Datasheet (PDF)

Go To PDF Page Download Datasheet
AXARTJRTJ Datasheet PDF - Infinite Electronics International, Inc.

Part # AXARTJRTJ
Download  AXARTJRTJ Click to download

File Size   117.76 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP,RP-TNC JACK/JACK BULLET

AXARTJRTJ Datasheet (HTML) - Infinite Electronics International, Inc.


AXARTJRTJ Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 11 GHz
VOLTAGE RATING: 500 VOLTS PEAK
WITHSTAND VOLTAGE: 1000V RMS.
INSERTION LOSS: .15 dB MAX.

MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031




Similar Part No. - AXARTJRTJ

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXARTJRSP L-COM-AXARTJRSP Datasheet
104Kb / 1P
RP-TNC-Jack to Reverse-Polarity SMA-Plug Adapter
02/22/05
More results


Similar Description - AXARTJRTJ

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD123-22-5 WINCHESTER-SD123-22-5 Datasheet
56Kb / 1P
JACK TNC
SDKA-39-76 WINCHESTER-SDKA-39-76 Datasheet
51Kb / 1P
JACK, TNC
SDKA-39-79 WINCHESTER-SDKA-39-79 Datasheet
52Kb / 1P
JACK, TNC
SDKA-39-82 WINCHESTER-SDKA-39-82 Datasheet
54Kb / 1P
JACK, TNC
SDKA-39-100-M06 WINCHESTER-SDKA-39-100-M06 Datasheet
48Kb / 1P
TNC JACK
logo
Amphenol Corporation
31-6506 AMPHENOL-31-6506 Datasheet
146Kb / 1P
TNC STR JACK RP IP-67 FOR LMR-200 CABLE
logo
Molex Electronics Ltd.
0733000220 MOLEX11-0733000220 Datasheet
52Kb / 1P
50 Ohms, SMPM Jack/Jack Bullet Adapter, 5.33mm Length
0733000222 MOLEX11-0733000222 Datasheet
52Kb / 1P
50 Ohms, SMPM Jack/Jack Bullet Adapter, 7.06mm Length
logo
Bel Fuse Inc.
123-0901-801 BEL-123-0901-801 Datasheet
138Kb / 1P
SMP3 JACK TO SMP3 JACK BULLET ADAPTOR
Rev. 1
logo
Molex Electronics Ltd.
SD-73406-022 MOLEX-SD-73406-022 Datasheet
115Kb / 1P
SMP JACK TO SMP JACK BULLET SMP-BULLET
2022/08/30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com