Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5662MPFBREP Datasheet (PDF) - Texas Instruments

DAC5662MPFBREP Datasheet PDF - Texas Instruments
Part # DAC5662MPFBREP
Download  DAC5662MPFBREP Download
File Size   550.87 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER

DAC5662MPFBREP Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC5662MPFBREP Datasheet PDF - Texas Instruments

Part # DAC5662MPFBREP
Download  DAC5662MPFBREP Click to download

File Size   550.87 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER

DAC5662MPFBREP Datasheet (HTML) - Texas Instruments


DAC5662MPFBREP Product details

FEATURES
Controlled Baseline
– One Assembly
– One Test Site
– One Fabrication Site
Extended Temperature Performance of
–55°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree (1)
12-Bit Dual Transmit Digital-to-Analog
Converter (DAC)
200-MSPS Update Rate
Single Supply: 3 V to 3.6 V
High Spurious-Free Dynamic Range (SFDR):
85 dBc at 5 MHz
High Third-Order Two-Tone Intermodulation
(IMD3): 78 dBc at 15.1 and 16.1 MHz
WCDMA Adjacent Channel Leakage Ratio
(ACLR): 70 dB at 30.72 MHz
Independent or Single Resistor Gain Control
Dual or Interleaved Data
On-Chip 1.2-V Reference
Low Power: 330 mW
Power-Down Mode: 15 mW
Package: 48-Pin Thin Quad Flat Pack (TQFP)

APPLICATIONS
Cellular Base Transceiver Station Transmit Channel
– CDMA: W-CDMA, CDMA2000, IS-95
– TDMA: GSM, IS-136, EDGE/UWC-136
Medical/Test Instrumentation
Arbitrary Waveform Generators (ARB)
Direct Digital Synthesis (DDS)
Cable Modem Termination System (CMTS)

DESCRIPTION
The DAC5662 is a monolithic, dual-channel 12-bit, high-speed digital-to-analog converter (DAC) with on-chip
voltage reference.
Operating with update rates of up to 200 MSPS, the DAC5662 offers exceptional dynamic performance, tight
gain, and offset matching characteristics that make it suitable in either I/Q baseband or direct IF communication
applications.
Each DAC has a high-impedance differential-current output, suitable for single-ended or differential
analog-output configurations. External resistors allow scaling the full-scale output current for each DAC
separately or together, typically between 2 mA and 20 mA. An accurate on-chip voltage reference is temperature
compensated and delivers a stable 1.2-V reference voltage. Optionally, an external reference may be used.
The DAC5662 has two 12-bit parallel input ports with separate clocks and data latches. For flexibility, the
DAC5662 also supports multiplexed data for each DAC on one port when operating in the interleaved mode.
The DAC5662 has been specifically designed for a differential transformer coupled output with a 50-W doubly
terminated load. For a 20-mA full-scale output current a 4:1 impedance ratio (resulting in an output power of
4 dBm) and 1:1 impedance ratio transformer (–2-dBm output power) are supported.




Similar Part No. - DAC5662MPFBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662MPFBREP TI1-DAC5662MPFBREP Datasheet
670Kb / 29P
DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC5662MPFBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com