Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534 Datasheet (PDF) - Texas Instruments

DAC8534 Datasheet PDF - Texas Instruments
Part # DAC8534
Download  DAC8534 Download
File Size   590.14 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC8534 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8534 Datasheet PDF - Texas Instruments

Part # DAC8534
Download  DAC8534 Click to download

File Size   590.14 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC8534 Datasheet (HTML) - Texas Instruments


DAC8534 Product details

FEATURES
POWER SUPPLY: +2.7V to +5.5V
microPOWER OPERATION: 950μA at 5V
16-BIT MONOTONIC OVER TEMPERATURE
SETTLING TIME: 10μs to ±0.003% FSR
ULTRA-LOW AC CROSSTALK: –100dB typ
POWER-ON RESET TO ZERO-SCALE
ON-CHIP OUTPUT BUFFER AMPLIFIER WITH
RAIL-TO-RAIL OPERATION
DOUBLE BUFFERED INPUT ARCHITECTURE
SIMULTANEOUS OR SEQUENTIAL OUTPUT
UPDATE AND POWER-DOWN
16 CHANNEL BROADCAST CAPABILITY
SCHMITT-TRIGGERED INPUTS
TSSOP-16 PACKAGE

APPLICATIONS
PORTABLE INSTRUMENTATION
CLOSED-LOOP SERVO-CONTROL
PROCESS CONTROL
DATA ACQUISITION SYSTEMS
PROGRAMMABLE ATTENUATION
PC PERIPHERALS

DESCRIPTION
The DAC8534 is a quad channel, 16-bit Digital-to-Analog
Converter (DAC) offering low-power operation and a flexible
serial host interface. Each on-chip precision output amplifier
allows rail-to-rail output swing to be achieved over the supply
range of 2.7V to 5.5V. The device supports a standard 3-wire
serial interface capable of operating with input data clock
frequencies up to 30MHz for IOVDD = 5V.
The DAC8534 requires an external reference voltage to set
the output range of each DAC channel. Also incorporated
into the device is a power-on reset circuit which ensures that
the DAC outputs power up at zero-scale and remain there
until a valid write takes place. The DAC8534 provides a per
channel power-down feature, accessed over the serial interface,
that reduces the current consumption to 200nA per
channel at 5V.
The low-power consumption of this device in normal operation
makes it ideally suited to portable battery-operated
equipment and other low-power applications. The power
consumption is 5mW at 5V, reducing to 4μW in power-down
mode.
The DAC8534 is available in a TSSOP-16 package with a
specified operating temperature range of –40°C to +105°C.




Similar Part No. - DAC8534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8534 TI-DAC8534 Datasheet
362Kb / 20P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPW TI-DAC8534IPW Datasheet
362Kb / 20P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPW TI1-DAC8534IPW Datasheet
735Kb / 24P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWG4 TI1-DAC8534IPWG4 Datasheet
735Kb / 24P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWR TI-DAC8534IPWR Datasheet
362Kb / 20P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC8534

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532 BURR-BROWN-DAC8532 Datasheet
402Kb / 17P
Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8534 TI-DAC8534 Datasheet
362Kb / 20P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532 TI-DAC8532_15 Datasheet
1Mb / 27P
DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com