Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG-15 Datasheet (PDF) - TT Electronics.

DG-15 Datasheet PDF - TT Electronics.
Part # DG-15
Download  DG-15 Download
File Size   342.81 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (15W)

DG-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG-15 Datasheet PDF - TT Electronics.

Part # DG-15
Download  DG-15 Click to download

File Size   342.81 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (15W)

DG-15 Datasheet (HTML) - TT Electronics.


DG-15 Product details

Features:
• High efficiency up to 94.5%
• 75w – 960w with parallel function
• “Slim” case occupying less din rail space
• Up to 30% smaller than industry standard
• Output voltage up to 110% V nom
• Output power up to 110%
• 150% peak output current for 3 seconds
• -25°C to 70 °C
• Installation on TS-35/75 or TS-35/15
Description:
The TT Electronics range of Din Rail Power Supplies can be installed on either TS-35/7 or TS-35/18. Featuring wide ranging universal Input for many industrial application and come with a 3 year warranty as standard. This 15 Watt unit is offered in 12, 18 & 24V.




Similar Part No. - DG-15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
DG-15-12S TOPPOWER-DG-15-12S Datasheet
925Kb / 6P
15~15.6W AC-DC DIN RAIL Power Supply
DG-15-24S TOPPOWER-DG-15-24S Datasheet
925Kb / 6P
15~15.6W AC-DC DIN RAIL Power Supply
More results


Similar Description - DG-15

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1AZ DELTA-DRP012V015W1AZ Datasheet
992Kb / 2P
CliQ Din Rail Power Supply 12V 15W 1 Phase Plastic
logo
Mean Well Enterprises C...
DR-15 MEANWELL-DR-15 Datasheet
254Kb / 2P
15W Single Output Industrial DIN Rail Power Supply
DR-15 MEANWELL-DR-15_11 Datasheet
253Kb / 2P
15W Single Output Industrial DIN Rail Power Supply
logo
RSG Electronic Componen...
DRB15 RSG-DRB15 Datasheet
1Mb / 5P
15W to 100W Single Output DIN Rail Mount Power Supplies
logo
Total Power Internation...
DR-15 TOTAL-POWER-DR-15 Datasheet
335Kb / 2P
15W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DDR-15 MEANWELL-DDR-15 Datasheet
598Kb / 5P
15W DIN Rail Type DC-DC Converter
logo
Skynet Electronic Copyr...
SNP-D129 SKYNET-SNP-D129 Datasheet
313Kb / 4P
Din Rail
SNP-D249 SKYNET-SNP-D249 Datasheet
333Kb / 4P
Din Rail
SNP-D489 SKYNET-SNP-D489 Datasheet
335Kb / 4P
Din Rail
logo
ETA-USA
AOFD-15 ETA-USA-AOFD-15 Datasheet
1Mb / 4P
15W Din Rail Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com