Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8552 Datasheet (PDF) - Texas Instruments

DAC8552 Datasheet PDF - Texas Instruments
Part # DAC8552
Download  DAC8552 Download
File Size   611.98 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER

DAC8552 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8552 Datasheet PDF - Texas Instruments

Part # DAC8552
Download  DAC8552 Click to download

File Size   611.98 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER

DAC8552 Datasheet (HTML) - Texas Instruments


DAC8552 Product details

FEATURES
Relative Accuracy: 4LSB
Glitch Energy: 0.15nV-s
MicroPower Operation:
155mA per Channel at 2.7V
Power-On Reset to Zero-Scale
Power Supply: 2.7V to 5.5V
16-Bit Monotonic Over Temperature
Settling Time: 10ms to ±0.003% FSR
Ultra-Low AC Crosstalk: –100dB Typ
Low-Power Serial Interface with
Schmitt-Triggered Inputs
On-Chip Output Buffer Amplifier with
Rail-to-Rail Operation
Double-Buffered Input Architecture
Simultaneous or Sequential Output Update
and Power-down
Available in a Tiny MSOP-8 Package

APPLICATIONS
Portable Instrumentation
Closed-Loop Servo Control
Process Control
Data Acquisition Systems
Programmable Attenuation
PC Peripherals

DESCRIPTION
The DAC8552 is a 16-bit, dual channel, voltage
output digital-to-analog converter (DAC) offering low
power operation and a flexible serial host interface.
Each on-chip precision output amplifier allows rail-to-rail output swing to be achieved over the
supply range of 2.7V to 5.5V. The device supports a
standard 3-wire serial interface capable of operating
with input data clock frequencies up to 30MHz for
VDD = 5V.
The DAC8552 requires an external reference voltage to set the output range of each DAC channel. Also
incorporated into the device is a power-on reset
circuit which ensures that the DAC outputs power up
at zero-scale and remain there until a valid write
takes place. The DAC8552 provides a flexible
power-down feature, accessed over the serial
interface, that reduces the current consumption of
the device to 700nA at 5V.
The low-power consumption of this device in normal
operation makes it ideally suited for portable,
battery-operated equipment and other low-power
applications. The power consumption is 0.5mW per
channel at 2.7V, reducing to 1mW in power-down
mode.
The DAC8552 is available in a MSOP-8 package
with a specified operating temperature range of
–40°C to +105°C.




Similar Part No. - DAC8552

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552IDGKR BURR-BROWN-DAC8552IDGKR Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552IDGKRG4 BURR-BROWN-DAC8552IDGKRG4 Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552IDGKT BURR-BROWN-DAC8552IDGKT Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552IDGKTG4 BURR-BROWN-DAC8552IDGKTG4 Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC8552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com