Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG-480 Datasheet (PDF) - TT Electronics.

DG-480 Datasheet PDF - TT Electronics.
Part # DG-480
Download  DG-480 Download
File Size   299.89 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (480W)

DG-480 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG-480 Datasheet PDF - TT Electronics.

Part # DG-480
Download  DG-480 Click to download

File Size   299.89 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (480W)

DG-480 Datasheet (HTML) - TT Electronics.


DG-480 Product details

Features:
•High efficiency up to 94.5%
•75w – 960w with parallel function
•“Slim” case occupying less din rail space
•Up to 30% smaller than industry standard
•Output voltage up to 110% V nom
•Output power up to 110%
•150% peak output current for 3 seconds
•-25°C to 70 °C
•Installation on TS-35/75 or TS-35/15
Description:
The TT Electronics range of Din Rail Power Supplies can be installed on either TS-35/7 or TS-35/18. Featuring wide ranging universal Input for many industrial application and come with a 3 year warranty as standard. This 480 Watt unit is offered in 24 & 48V and comes with built in active PFC.




Similar Part No. - DG-480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
More results


Similar Description - DG-480

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRT-480 ASTRODYNE-DRT-480 Datasheet
346Kb / 2P
480W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST480 ALTECH-PST480_1 Datasheet
115Kb / 2P
480W Three-Phase Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
NDR-480 MEANWELL-NDR-480 Datasheet
622Kb / 4P
480W Single Output Industrial DIN RAIL
logo
Toppower Electronic Tec...
TPRSDR-480-XS TOPPOWER-TPRSDR-480-XS Datasheet
1Mb / 6P
480W AC-DC DIN RAIL Power Supply
TPRSDR-480-XS TOPPOWER-TPRSDR-480-XS_18 Datasheet
1Mb / 6P
480W AC-DC DIN RAIL Power Supply
TPR-480-XS TOPPOWER-TPR-480-XS Datasheet
1Mb / 6P
480W AC-DC DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DDR-480 MEANWELL-DDR-480 Datasheet
286Kb / 9P
480W DIN Rail Type DC-DC Converter
logo
ETA-USA
AOFD480 ETA-USA-AOFD480 Datasheet
1Mb / 2P
480W Din Rail Mount
logo
Applied Motion Products...
PS480D48 AMP-PS480D48 Datasheet
851Kb / 4P
DIN Rail Power Supply ??Industrial ??480W
logo
MORNSUN Science& Techno...
LIF480 MORNSUN-LIF480 Datasheet
1Mb / 5P
AC/DC 480W Din Rail Power Supply
2022.06.11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com