Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC3256 Datasheet (PDF) - Texas Instruments

DDC3256 Datasheet PDF - Texas Instruments
Part # DDC3256
Download  DDC3256 Download
File Size   581.82 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DDC3256 256-Channel, Current-Input Analog-To-Digital Converter

DDC3256 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDC3256 Datasheet PDF - Texas Instruments

Part # DDC3256
Download  DDC3256 Click to download

File Size   581.82 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DDC3256 256-Channel, Current-Input Analog-To-Digital Converter

DDC3256 Datasheet (HTML) - Texas Instruments


DDC3256 Product details

1 Features
• Single-chip solution to directly measure 256 lowlevel
currents simultaneously
• Adjustable full-scale charge range up to 320 pC
• Input current: 1 μA (maximum)
• Adjustable speed with integration times as low as
50 μs (20 KSPS per channel)
• Resolution: 24 bit
• Low power dissipation: 1.2 mW/channel
• Integral non-linearity: ±0.025% of reading ±1 ppm
of full scale range (all channels active)
• Low noise: 0.26 fCrms at 320 pC FSR with 20 pF
sensor capacitance
• No charge loss
• On-chip temperature sensor
• Serial LVDS output interface
• Single 1.85-V supply
• In-package bypass capacitors and reference buffer
to reduce PCB area and design complexity

2 Applications
• CT Scanner data acquisition system
• Photodiode sensors
• X-ray detection systems
• Optical fiber power monitoring
• Muti-channel current, voltage instrumentation

3 Description
The DDC3256 is a 24-bit, 256-channel, current-input
analog-to-digital (A/D) converter. It combines both,
current-to-voltage conversion by current integration,
and A/D conversion.
Up to 256 individual low-level current output devices,
such as photodiodes, can be directly connected to its
inputs and digitized in parallel (simultaneously).
For each of the 256 inputs, the device has one
low noise and low power integrator designed to
capture all the charge from the sensor. The integration
time is adjustable from 50 μs to 1.6 ms, allowing
currents in the order of fA to μA to be continuously
measured with outstanding precision. The outputs of
the integrators are digitized by on-chip low power
ADCs and the converted digital codes are transmitted
over a single LVDS pair designed to minimize noise
coupling in environments with high channel count.
The DDC3256 operates from single 1.85-V supply.
The device is specified from 0°C to 70°C operating
temperature and available in a 13.2 × 17.2 mm2 336-
ball 0.8 mm-pitch BGA. The on-chip reference buffer
and bypass capacitors (on the BGA) help minimize
the external component requirements and further
reduce board space.




Similar Part No. - DDC3256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
DDC3256ZWX TI1-DDC3256ZWX Datasheet
614Kb / 9P
DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
More results


Similar Description - DDC3256

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC316 TI-DDC316 Datasheet
391Kb / 24P
16-Channel, Current-Input Analog-to-Digital Converter
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
64-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_15 Datasheet
979Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
256-Channel, Current-Input Analog-To-Digital Converter
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
16-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_17 Datasheet
977Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
32-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com