Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS25CP104A Datasheet (PDF) - Texas Instruments

DS25CP104A Datasheet PDF - Texas Instruments
Part # DS25CP104A
Download  DS25CP104A Download
File Size   635.91 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS25CP104A / DS25CP114 3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization

DS25CP104A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS25CP104A Datasheet PDF - Texas Instruments

Part # DS25CP104A
Download  DS25CP104A Click to download

File Size   635.91 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS25CP104A / DS25CP114 3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization

DS25CP104A Datasheet (HTML) - Texas Instruments


DS25CP104A Product details

1FEATURES
2• DC - 3.125 Gbps Low Jitter, Low Skew, Low
Power Operation
• Pin and SMBus Configurable, Fully
Differential, Non-Blocking Architecture
• Pin (Two Levels) and SMBus (Four Levels)
Selectable Pre-Emphasis and Equalization
Eliminate ISI Jitter
• Wide Input Common Mode Range Enables
Easy Interface to CML and LVPECL Drivers
• LOS Circuitry Detects Open Inputs Fault
Condition
• On-Chip 100Ω Input and Output Termination
Minimizes Insertion and Return Losses,
Reduces Component Count, Minimizes Board
Space The DS25CP114 Eliminates the On-Chip
Input Termination for Added Design Flexibility.
• 8 kV ESD on LVDS I/O Pins Protects Adjoining
Components
• Small 6 mm x 6 mm WQFN-40 Space Saving
Package

APPLICATIONS
• SD/HD/3G HD SDI Routers
• OC-48 / STM-16
• InfiniBand and FireWire

DESCRIPTION
The DS25CP104A and DS25CP114 are 3.125 Gbps
4x4 LVDS crosspoint switches optimized for highspeed
signal routing and switching over lossy FR-4
printed circuit board backplanes and balanced cables.
Fully differential signal paths ensure exceptional
signal integrity and noise immunity. The non-blocking
architecture allows connections of any input to any
output or outputs. The switch configuration can be
accomplished via external pins or the System
Management Bus (SMBus) interface.
The DS25CP104A and DS25CP114 feature four
levels (Off, Low, Medium, High) of transmit pre- emphasis (PE) and four levels (Off, Low, Medium,
High) of receive equalization (EQ) settable via the
SMBus interface. Off and Medium PE levels and Off
and Low EQ levels are settable with the external pins.
In addition, the SMBus circuitry enables the loss of
signal (LOS) monitors that can inform a system of the
presence of an open inputs condition (e.g. disconnected cable).
Wide input common mode range allows the switch to
accept signals with LVDS, CML and LVPECL levels;
the output levels are LVDS. A very small package
footprint requires a minimal space on the board while the flow-through pinout allows easy board layout. On
the DS25CP104A each differential input and output is
internally terminated with a 100Ω resistor to lower
return losses, reduce component count and further
minimize board space. For added design flexibility the
100Ω input terminations on the DS25CP114 have
been eliminated. This enables a designer to build
custom crosspoint configurations and distribution
circuits that require a limited multidrop signaling
topology.




Similar Part No. - DS25CP104A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP104A TI1-DS25CP104A Datasheet
972Kb / 30P
DS25CP104A / DS25CP114 3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A Datasheet
1Mb / 31P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP104ATSQ NSC-DS25CP104ATSQ Datasheet
600Kb / 28P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP104ATSQ/NOPB TI1-DS25CP104ATSQ/NOPB Datasheet
1Mb / 31P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Similar Description - DS25CP104A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP104 NSC-DS25CP104 Datasheet
538Kb / 28P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104_0711 NSC-DS25CP104_0711 Datasheet
540Kb / 28P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_14 Datasheet
972Kb / 30P
DS25CP104A / DS25CP114 3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com