Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK4829 Datasheet (PDF) - Beken Corporation

BK4829 Datasheet PDF - Beken Corporation
Part # BK4829
Download  BK4829 Download
File Size   1119.44 Kbytes
Page   28 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Worldwide band: 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz

BK4829 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK4829 Datasheet PDF - Beken Corporation

Part # BK4829
Download  BK4829 Click to download

File Size   1119.44 Kbytes
Page   28 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description Worldwide band: 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz

BK4829 Datasheet (HTML) - Beken Corporation


BK4829 Product details

Features
• Worldwide band: 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz
• 12.5/25/6.25/20 kHz channel spacing
• On-chip 7 dBm RF PA
• 3.0 V to 3.6 V power supply
• CTCSS tone receiver with tail CTCSS frequency detector
• 23/24 bit programmable DCS code
• Standard DTMF and programmable in-band dual tone
• SELCALL and programmable in-band single tone
• FSK data modem
• Frequency inversion scrambler
• Voice activated switch (VOX)
• RF signal strength measurement
• TX audio signal strength indication and RX audio signal strength indication
• Frequency scan function
• 3-wire interface with MCU with maximum 8 Mbps clock rate
• QFN32 package, 4 x 4 mm

Applications
• Personal radio service
• Baby monitor
• Toys

General Description
The BK4829 is a half-duplex TDD FM transceiver operating within 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz band range
for worldwide personal radio. Besides speech communication, the BK4829 on-chip FSK data modem supports F2D and F1W
emission to be used in both FRS and DPMR band for text message and GPS information exchange.




Similar Part No. - BK4829

ManufacturerPart #DatasheetDescription
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
Analog Two Way Radio IC
Rev.1.0
More results


Similar Description - BK4829

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140BA03073S ICST-SF0140BA03073S Datasheet
249Kb / 2P
140 MHz Filter 18 MHz Bandwidth
logo
KR Electronics, Inc.
2829 KR-2829 Datasheet
61Kb / 2P
760 MHz bandpass filter
logo
Silicon Laboratories
SI476X SILABS-SI476X Datasheet
51Kb / 2P
Worldwide FM band support (64-108 MHz) AM/FM HDR support Worldwide AM band support
logo
API Technologies Corp
SF0140BA03073S APITECH-SF0140BA03073S Datasheet
250Kb / 2P
140 MHz Filter 18 MHz Bandwidth
SF0130BA02247T APITECH-SF0130BA02247T Datasheet
143Kb / 3P
130 MHz SAW Filter 18 MHz Bandwidth
logo
Oscilent Corporation
813-SL75.0M-26A OSCILENT-813-SL75.0M-26A Datasheet
183Kb / 6P
75.0 MHz IF SAW Filter 25.0 MHz Band
logo
KR Electronics, Inc.
2829-SMA KR-2829-SMA Datasheet
42Kb / 2P
760 MHz Lowpass
logo
TAI-SAW TECHNOLOGY CO.,...
TE0134A TAI-SAW-TE0134A Datasheet
696Kb / 7P
Band Stop Filter 733/760 MHz SMD 3.0횞3.0mm
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2012090G77N2T WALSIN-RFDIP2012090G77N2T Datasheet
608Kb / 7P
829 MHz & 2205 MHz Band RF Application
logo
Renesas Technology Corp
RX72T RENESAS-RX72T Datasheet
1Mb / 176P
Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com