Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46108-EV Datasheet (PDF) - Renesas Technology Corp

SLG46108-EV Datasheet PDF - Renesas Technology Corp
Part # SLG46108-EV
Download  SLG46108-EV Download
File Size   1423.01 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Extended Temperature Range GreenPAK Ultra-Small Programmable Mixed-Signal Matrix

SLG46108-EV Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46108-EV Datasheet PDF - Renesas Technology Corp

Part # SLG46108-EV
Download  SLG46108-EV Click to download

File Size   1423.01 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Extended Temperature Range GreenPAK Ultra-Small Programmable Mixed-Signal Matrix

SLG46108-EV Datasheet (HTML) - Renesas Technology Corp


SLG46108-EV Product details

▪ Logic and mixed-signal circuits
▪ Highly versatile macrocells
▪ Four combinatorial look up tables (LUTs)
• Two 2-bit LUTs
• Two 3-bit LUTs
▪ Seven combination function macrocell
• Two selectable D Flip-Flop/LATCHES (DFF) or
2-bit LUTs
• Two selectable D Flip-Flop/LATCHES (DFF) or
3-bit LUTs
• One selectable Pipe Delay or 3-bit LUT
◦ Pipe Delay – 8 stage/2 output
• One selectable counter/delay (CNT/DLY) or 4-bit
LUT
• One programmable delay/deglitch filter
▪ Three 8-bit counter/delay generators (CNT/DLY)
with external clock/reset
▪ RC oscillator (RC OSC)
▪ Power-on reset (POR)
▪ 1.8 V (±5 %) to 5 V (±10 %) supply
▪ Operating temperature range: -40 °C to 105 °C
▪ RoHS compliant/Halogen-free
▪ Pb-free 8-pin STQFN: 1.0 mm x 1.2 mm x 0.55
mm, 0.4 mm pitch




Similar Part No. - SLG46108-EV

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46108 DIALOG-SLG46108 Datasheet
571Kb / 70P
GreenPAK Ultra-small Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46108 RENESAS-SLG46108 Datasheet
1Mb / 72P
Ultra-small Programmable Mixed-signal Matrix
March 9, 2023
SLG46108 RENESAS-SLG46108 Datasheet
1Mb / 73P
Ultra-small Programmable Mixed-signal Matrix
Revised May 9, 2025
SLG46108V RENESAS-SLG46108V Datasheet
1Mb / 73P
Ultra-small Programmable Mixed-signal Matrix
Revised May 9, 2025
SLG46108VTR RENESAS-SLG46108VTR Datasheet
1Mb / 73P
Ultra-small Programmable Mixed-signal Matrix
Revised May 9, 2025
More results


Similar Description - SLG46108-EV

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46108 DIALOG-SLG46108 Datasheet
571Kb / 70P
GreenPAK Ultra-small Programmable Mixed-signal Matrix
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com