Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EML3193B Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

EML3193B Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # EML3193B
Download  EML3193B Download
File Size   685.51 Kbytes
Page   20 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 3A, 36V, 2MHz Non-synchronous Step-Down Converter

EML3193B Datasheet (PDF)

Go To PDF Page Download Datasheet
EML3193B Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # EML3193B
Download  EML3193B Click to download

File Size   685.51 Kbytes
Page   20 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 3A, 36V, 2MHz Non-synchronous Step-Down Converter

EML3193B Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


EML3193B Product details

General Description
The EML3193B is frequency adjustable, 3A,
current-mode step-down converter with an
integrated high-side switch. The EML3193B operates
with the wide input voltage from 4.5V to 36V and
provides an adjustable output voltage from 0.808V
to 30V. The EML3193B features a PWM mode
operation with up to 2MHz adjustable switching
frequency. The EML3193B also provides a highly
efficient solution with current mode control for fast
loop response and easy compensation. The
EML3193B automatically enters PSM mode at light
load.
Cycle-by-cycle current limiting and thermal
shutdown are provided for fault condition
protections. An internal 2ms soft-start design reduces
input start-up current and prevents the output
voltage and inductor current from overshooting
during power-up.
The EML3193B is available in E-SOP-8L and TDFN-10L
with thermally enhanced package.

Features
 4.5V to 36V Input Voltage Range
 3A Continuous Output Current
 120mΩ Internal Power MOSFET Switch
 Output Adjustable from 0.808V
 Output Over-Voltage Protection
 Up to 2MHz Adjustable Switching Frequency
 Cycle-by-Cycle Current Limit, Frequency Fold
Back and thermal shutdown
 Stable with Low ESR Output Ceramic
Capacitors
 2ms Internal Soft-Start
 Thermally Enhanced E-SOP-8L Package

Applications
 12V and 24V Distributed Power Systems
 Battery Powered Systems
 Industrial Power Systems
 LCD and Plasma TVs
 Automotive Systems




Similar Part No. - EML3193B

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EML30 XPPOWER-EML30 Datasheet
767Kb / 4P
AC-DC Power Supplies
EML30US03 XPPOWER-EML30US03 Datasheet
767Kb / 4P
AC-DC Power Supplies
EML30US05 XPPOWER-EML30US05 Datasheet
767Kb / 4P
AC-DC Power Supplies
EML30US09 XPPOWER-EML30US09 Datasheet
767Kb / 4P
AC-DC Power Supplies
EML30US12 XPPOWER-EML30US12 Datasheet
767Kb / 4P
AC-DC Power Supplies
More results


Similar Description - EML3193B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
3A, 36V, 500kHz Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com