Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3420 Datasheet (PDF) - List of Unclassifed Manufacturers

MT3420 Datasheet PDF - List of Unclassifed Manufacturers
Part # MT3420
Download  MT3420 Download
File Size   102.09 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.4MHz, 2A Synchronous Step-Down DC/DC Converter

MT3420 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT3420 Datasheet PDF - List of Unclassifed Manufacturers

Part # MT3420
Download  MT3420 Click to download

File Size   102.09 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.4MHz, 2A Synchronous Step-Down DC/DC Converter

MT3420 Datasheet (HTML) - List of Unclassifed Manufacturers


MT3420 Product details

FEATURES
 High Efficiency: Up to 95%
 1.4MHz Constant Frequency Operation
 2A Output Current
 No Schottky Diode Required
 2.4V to 5.5V Input Voltage Range
 Output Voltage as Low as 0.6V
 Low Quiescent Current: 40µA
 Slope Compensated Current Mode Control for
Excellent Line and Load Transient Response
 Inrush Current Limit and Soft Start
 <1µA Shutdown Current
 Available in DFN33-10 and WQFN-16L 3x3
package

APPLICATIONS
 Cellular and Smart Phones
 Wireless and DSL Modems
 PDAs
 Digital Still and Video Cameras
 PC Cards

GENERAL DESCRIPTION
The MT3420 is a constant frequency, current mode
PWM step-down converter. The device integrates a
main switch and a synchronous rectifier for high
efficiency without an external Schottky diode. It is
ideal for powering portable equipment that runs from a
single cell Lithium-Ion (Li+) battery. The output voltage
can be regulated as low as 0.6V. The MT3420 can also
run at 100% duty cycle for low dropout operation,
extending battery life in portable system. This device
offers two operation modes, PWM control and PFM
Mode switching control, which allows a high efficiency
over the wider range of the load




Similar Part No. - MT3420

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT340 MARKTECH-MT340 Datasheet
39Kb / 1P
T-1 3/4 ULTRA BRIGHT LED LAMPS
MT340-UR MARKTECH-MT340-UR Datasheet
39Kb / 1P
T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
VBsemi Electronics Co.,...
MT3400 VBSEMI-MT3400 Datasheet
486Kb / 9P
N-Channel 30-V (D-S) MOSFET
MT3401 VBSEMI-MT3401 Datasheet
494Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Aeroflex Circuit Techno...
MT34013 AEROFLEX-MT34013 Datasheet
155Kb / 8P
EIGHT CHANNEL ARINC DECODER
More results


Similar Description - MT3420

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3202S E-CMOS-EC3202S Datasheet
610Kb / 9P
2A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com