Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C031B Datasheet (PDF) - Texas Instruments

DS90C031B Datasheet PDF - Texas Instruments
Part # DS90C031B
Download  DS90C031B Download
File Size   589.02 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C031B LVDS Quad CMOS Differential Line Driver

DS90C031B Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C031B Datasheet PDF - Texas Instruments

Part # DS90C031B
Download  DS90C031B Click to download

File Size   589.02 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C031B LVDS Quad CMOS Differential Line Driver

DS90C031B Datasheet (HTML) - Texas Instruments


DS90C031B Product details

1FEATURES
2• >155.5 Mbps (77.7 MHz) switching rates
• High impedance LVDS outputs with power-off
• ±350 mV differential signaling
• Ultra low power dissipation
• 400 ps maximum differential skew (5V, 25°C)
• 3.5 ns maximum propagation delay
• Industrial operating temperature range
• Pin compatible with DS26C31, MB571 (PECL)
and 41LG (PECL)
• Conforms to ANSI/TIA/EIA-644 LVDS standard
• Offered in narrow body SOIC package
• Fail-safe logic for floating inputs

DESCRIPTION
The DS90C031B is a quad CMOS differential line
driver designed for applications requiring ultra low
power dissipation and high data rates. The device
supports data rates in excess of 155.5 Mbps (77.7
MHz) and uses Low Voltage Differential Signaling
(LVDS) technology.
The DS90C031B accepts TTL/CMOS input levels and
translates them to low voltage (350 mV) differential
output signals. In addition the driver supports a TRI-
STATE function that may be used to disable the
output stage, disabling the load current, and thus
dropping the device to an ultra low idle power state of
11 mW typical.
In addition, the DS90C031B provides power-off high
impedance LVDS outputs. This feature assures
minimal loading effect on the LVDS bus lines when
VCC is not present.
The DS90C031B and companion line receiver
(DS90C032B) provide a new alternative to high
power pseudo-ECL devices for high speed point-topoint
interface applications.




Similar Part No. - DS90C031B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031B TI-DS90C031B Datasheet
1,007Kb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031BTM NSC-DS90C031BTM Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
DS90C031BTM NSC-DS90C031BTM Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
More results


Similar Description - DS90C031B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
DS90C031QML LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI1-DS90C031BTMX Datasheet
1Mb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI-DS90C031BTMX Datasheet
1,007Kb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com