Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA121UA Datasheet (PDF) - Texas Instruments

INA121UA Datasheet PDF - Texas Instruments
Part # INA121UA
Download  INA121UA Download
File Size   552.98 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FET-Input, Low Power INSTRUMENTATION AMPLIFIER

INA121UA Datasheet (PDF)

Go To PDF Page Download Datasheet
INA121UA Datasheet PDF - Texas Instruments

Part # INA121UA
Download  INA121UA Click to download

File Size   552.98 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FET-Input, Low Power INSTRUMENTATION AMPLIFIER

INA121UA Datasheet (HTML) - Texas Instruments


INA121UA Product details

FEATURES
LOW BIAS CURRENT: ±4pA
LOW QUIESCENT CURRENT: ±450mA
LOW INPUT OFFSET VOLTAGE: ±200mV
LOW INPUT OFFSET DRIFT: ±2mV/°C
LOW INPUT NOISE:
20nV/ÖHz at f = 1kHz (G =100)
HIGH CMR: 106dB
WIDE SUPPLY RANGE: ±2.25V to ±18V
LOW NONLINEARITY ERROR: 0.001% max
INPUT PROTECTION TO ±40V
8-PIN DIP AND SO-8 SURFACE MOUNT

APPLICATIONS
LOW-LEVEL TRANSDUCER AMPLIFIERS
Bridge, RTD, Thermocouple
PHYSIOLOGICAL AMPLIFIERS
ECG, EEG, EMG, Respiratory
HIGH IMPEDANCE TRANSDUCERS
CAPACITIVE SENSORS
MULTI-CHANNEL DATA ACQUISITION
PORTABLE, BATTERY OPERATED SYSTEMS
GENERAL PURPOSE INSTRUMENTATION

DESCRIPTION
The INA121 is a FET-input, low power instrumentation
amplifier offering excellent accuracy. Its versatile
three-op amp design and very small size make it ideal
for a variety of general purpose applications. Low bias
current (±4pA) allows use with high impedance
sources.
Gain can be set from 1V to 10,000V/V with a single
external resistor. Internal input protection can withstand
up to ±40V without damage.
The INA121 is laser-trimmed for very low offset
voltage (±200mV), low offset drift (±2mV/°C), and
high common-mode rejection (106dB at G = 100). It
operates on power supplies as low as ±2.25V (+4.5V),
allowing use in battery operated and single 5V systems.
Quiescent current is only 450mA.
Package options include 8-pin plastic DIP and SO-8
surface mount. All are specified for the –40°C to
+85°C industrial temperature range.




Similar Part No. - INA121UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA121UA BURR-BROWN-INA121UA Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121UA TI1-INA121UA Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121UA/2K5 TI1-INA121UA/2K5 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121UA/2K5E4 TI1-INA121UA/2K5E4 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121UAE4 TI1-INA121UAE4 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA121UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
Dual, Low Power INSTRUMENTATION AMPLIFIER
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
Low Power INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 TI1-INA121 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com