Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2134MDREP.A Datasheet (PDF) - Texas Instruments

INA2134MDREP.A Datasheet PDF - Texas Instruments
Part # INA2134MDREP.A
Download  INA2134MDREP.A Download
File Size   483.39 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)

INA2134MDREP.A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA2134MDREP.A Datasheet PDF - Texas Instruments

Part # INA2134MDREP.A
Download  INA2134MDREP.A Click to download

File Size   483.39 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)

INA2134MDREP.A Datasheet (HTML) - Texas Instruments


INA2134MDREP.A Product details

FEATURES
• Single and Dual Versions
• Low Distortion: 0.0005% at f = 1 kHz
• High Slew Rate: 14 V/ms
• Fast Settling Time: 3 ms to 0.01%
• Wide Supply Range: ±4 V to ±18 V
• Low Quiescent Current: 3.1 mA max
• High CMRR: 90 dB
• Fixed Gain = 0 dB (1V/V)
• Dual 14-Pin SOIC Package

APPLICATIONS
• Audio Differential Line Receiver
• Summing Amplifier
• Unity-Gain Inverting Amplifier
• Psuedoground Generator
• Instrumentation Building Block
• Current Shunt Monitor
• Voltage-Controlled Current Source
• Ground Loop Eliminator

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability

DESCRIPTION
The INA2134 is a differential line receiver consisting of high performance op amps with onchip precision
resistors. The device is fully specified for high performance audio applications and has excellent ac
specifications, including low distortion (0.0005% at 1 kHz) and high slew rate (14 V/ms), assuring good dynamic
response. In addition, wide output voltage swing and high output drive capability allow use in a wide variety of
demanding applications. The dual version features completely independent circuitry for lowest crosstalk and
freedom from interaction, even when overdriven or overloaded.
The INA2134 on-chip resistors are laser trimmed for accurate gain and optimum common-mode rejection.
Furthermore, excellent TCR tracking of the resistors maintains gain accuracy and common-mode rejection over
temperature. Operation is guaranteed from ±4 V to ±18 V (8-V to 36-V total supply).
The INA2134 comes in a 14-pin SOIC surface-mount package and is specified for operation over the military
temperature range, –55°C to 125°C.




Similar Part No. - INA2134MDREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2134MDREP TI1-INA2134MDREP Datasheet
620Kb / 18P
AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
More results


Similar Description - INA2134MDREP.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134 Datasheet
260Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA137 BURR-BROWN-INA137 Datasheet
251Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
Differential Line Receiver
logo
Intersil Corporation
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
Differential Line Receiver
February 11, 2005
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
Differential line receiver.
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134_06 Datasheet
203Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
INA137 BURR-BROWN-INA137_07 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
logo
IK Semicon Co., Ltd
IL34C86 IKSEMICON-IL34C86 Datasheet
144Kb / 6P
Differential line receiver
logo
Texas Instruments
INA2134-EP TI1-INA2134-EP Datasheet
620Kb / 18P
AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
logo
Renesas Technology Corp
EL2142 RENESAS-EL2142 Datasheet
454Kb / 6P
Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com