Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA137UA Datasheet (PDF) - Texas Instruments

INA137UA Datasheet PDF - Texas Instruments
Part # INA137UA
Download  INA137UA Download
File Size   317.49 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO DIFFERENTIAL LINE RECEIVERS ±6dB (G = 1/2 or 2)

INA137UA Datasheet (PDF)

Go To PDF Page Download Datasheet
INA137UA Datasheet PDF - Texas Instruments

Part # INA137UA
Download  INA137UA Click to download

File Size   317.49 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO DIFFERENTIAL LINE RECEIVERS ±6dB (G = 1/2 or 2)

INA137UA Datasheet (HTML) - Texas Instruments


INA137UA Product details

FEATURES
SINGLE AND DUAL VERSIONS
LOW DISTORTION: 0.0005% at f = 1kHz
HIGH SLEW RATE: 14V/ms
FAST SETTLING TIME: 3ms to 0.01%
WIDE SUPPLY RANGE: ±4V to ±18V
LOW QUIESCENT CURRENT: 2.9mA max
HIGH CMRR: 90dB
FIXED GAIN = ±6dB
PACKAGES—SINGLE: 8-PIN DIP, SO-8
DUAL: 14-PIN DIP, SO-14

APPLICATIONS
AUDIO DIFFERENTIAL LINE RECEIVER
G = 1/2 OR G = 2 AMPLIFIER
INSTRUMENTATION BUILDING BLOCK
CURRENT SHUNT MONITOR
VOLTAGE-CONTROLLED CURRENT
SOURCE
GROUND LOOP ELIMINATOR

DESCRIPTION
The INA137 and INA2137 are differential line receivers
consisting of high performance op amps with on-chip
precision resistors. They are fully specified for high
performance audio applications and have excellent ac
specifications, including low distortion (0.0005% at
1kHz) and high slew rate (14V/ms), assuring good
dynamic response. In addition, wide output voltage
swing and high output drive capability allow use in a
wide variety of demanding applications. The dual version
features completely independent circuitry for lowest
crosstalk and freedom from interaction, even when
overdriven or overloaded.
The INA137 and INA2137 on-chip resistors are laser
trimmed for accurate gain and optimum
common-mode rejection. Furthermore, excellent TCR
tracking of the resistors maintains gain accuracy and
common-mode rejection over temperature. Operation
is guaranteed from ±4V to ±18V (8V to 36V total
supply).
The INA137 is available in 8-pin DIP and SO-8
surface-mount packages. The INA2137 comes in
14-pin DIP and SO-14 surface-mount packages. Both
are specified for operation over the extended industrial
temperature range, –40°C to +85°C.




Similar Part No. - INA137UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA137UA BURR-BROWN-INA137UA Datasheet
251Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2
INA137UA BURR-BROWN-INA137UA Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
INA137UA/2K5 BURR-BROWN-INA137UA/2K5 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
INA137UA/2K5G4 BURR-BROWN-INA137UA/2K5G4 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
INA137UAG4 BURR-BROWN-INA137UAG4 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
More results


Similar Description - INA137UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134 Datasheet
260Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA137 BURR-BROWN-INA137 Datasheet
251Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2
INA134 BURR-BROWN-INA134_06 Datasheet
203Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
INA137 BURR-BROWN-INA137_07 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
logo
Texas Instruments
INA2134-EP TI1-INA2134-EP Datasheet
620Kb / 18P
AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
INA134 TI1-INA134 Datasheet
1Mb / 20P
AUDIO DIFFERENTIAL LINE RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com