Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2141U Datasheet (PDF) - Texas Instruments

INA2141U Datasheet PDF - Texas Instruments
Part # INA2141U
Download  INA2141U Download
File Size   311.66 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER

INA2141U Datasheet (PDF)

Go To PDF Page Download Datasheet
INA2141U Datasheet PDF - Texas Instruments

Part # INA2141U
Download  INA2141U Click to download

File Size   311.66 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER

INA2141U Datasheet (HTML) - Texas Instruments


INA2141U Product details

FEATURES
LOW OFFSET VOLTAGE: 50mV max
LOW DRIFT: 0.5mV/°C max
EXCELLENT GAIN ACCURACY:
±0.05% max at G = 10
LOW INPUT BIAS CURRENT: 5nA max
HIGH CMR: 117dB min (G = 100)
INPUTS PROTECTED TO ±40V
WIDE SUPPLY RANGE: ±2.25V to ±18V
LOW QUIESCENT CURRENT: 750mA/IA
16-PIN PLASTIC DIP, SOL-16

APPLICATIONS
SENSOR AMPLIFIER
THERMOCOUPLE, RTD, BRIDGE
MEDICAL INSTRUMENTATION
MULTIPLE CHANNEL SYSTEMS

DESCRIPTION
The INA2141 is a low power, dual instrumentation
amplifier offering excellent accuracy. Its versatile
3-op amp design and small size make it ideal for a
wide range of applications. Current-feedback input
circuitry provides wide bandwidth even at high gain
(200kHz at G = 100).
Simple pin connections set an accurate gain of 10 or
100V/V without external resistors. Internal input protection
can withstand up to ±40V without damage.
The INA2141 is laser trimmed for very low offset
voltage (50mV), drift (0.5mV/°C) and high commonmode
rejection (117dB at G = 100). It operates with
power supplies as low as ±2.25V, and quiescent current
is only 750mA per amplifier—ideal for battery
operated systems.
Packages are 16-pin plastic DIP, and SOL-16
surface-mount, specified for the –40°C to +85°C
temperature range.




Similar Part No. - INA2141U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2141U BURR-BROWN-INA2141U Datasheet
243Kb / 10P
Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141U TI1-INA2141U Datasheet
751Kb / 15P
INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA2141UA BURR-BROWN-INA2141UA Datasheet
243Kb / 10P
Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141UA TI1-INA2141UA Datasheet
751Kb / 15P
INSTRUMENTATION AMPLIFIER
INA2141UA/1K TI1-INA2141UA/1K Datasheet
751Kb / 15P
INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA2141U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
Precision G = 100 INSTRUMENTATION AMPLIFIER
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA131 TI1-INA131 Datasheet
126Kb / 11P
Precision G = 100 INSTRUMENTATION AMPLIFIER
INA141 TI1-INA141 Datasheet
333Kb / 14P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com