Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA143UA/2K5.A Datasheet (PDF) - Texas Instruments

INA143UA/2K5.A Datasheet PDF - Texas Instruments
Part # INA143UA/2K5.A
Download  INA143UA/2K5.A Download
File Size   635.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS

INA143UA/2K5.A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA143UA/2K5.A Datasheet PDF - Texas Instruments

Part # INA143UA/2K5.A
Download  INA143UA/2K5.A Click to download

File Size   635.7 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS

INA143UA/2K5.A Datasheet (HTML) - Texas Instruments


INA143UA/2K5.A Product details

FEATURES
DESIGNED FOR LOW COST
G = 10V/V or G = 0.1V/V
SINGLE, DUAL VERSIONS
LOW OFFSET VOLTAGE:
±250mV max, ±3mV/°C max
LOW GAIN ERROR: 0.01%
HIGH SLEW RATE: 5V/ms
FAST SETTLING TIME: 9ms to 0.01%
LOW QUIESCENT CURRENT: 950mA
WIDE SUPPLY RANGE: ±2.25V to ±18V
SO-8 and SO-14 PACKAGES

APPLICATIONS
DIFFERENTIAL INPUT AMPLIFIER
BUILDING BLOCK
DIFF IN/DIFF OUT AMPLIFIER
GAIN = –10 INVERTING AMPLIFIER
GAIN = +10 NON-INVERTING AMPLIFIER
GAIN = +11 NON-INVERTING AMPLIFIER
SYNCHRONOUS DEMODULATOR
CURRENT/DIFFERENTIAL LINE RECEIVER
VOLTAGE-CONTROLLED CURRENT SOURCE
BATTERY POWERED SYSTEMS
LOW COST AUTOMOTIVE

DESCRIPTION
The INA143 and INA2143 are high slew rate, gain of
10V/V or 0.1V/V difference amplifiers consisting of a
precision op amp with a precision resistor network. The
on-chip resistors are laser trimmed for accurate gain and
high common-mode rejection. Excellent TCR tracking
of the resistor maintains gain accuracy and commonmode
rejection over temperature. They operate over a
wide supply range, ±2.25V to ±18V (+4.5V to +36V
single supply), and input common-mode voltage range
extends beyond the positive and negative supply rails.
The differential amplifier is the foundation of many
commonly used circuits. The low cost INA143 and
INA2143 provide this precision circuit function without
using an expensive precision network.
The single version, INA143, package is the SO-8 surface
mount. The dual version, INA2143, package is the SO-14
surface mount. Both are specified for operation over the
extended industrial temperature range, –40°C to +85°C.
Operation is from –55°C to +125°C.




Similar Part No. - INA143UA/2K5.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA143UA/2K5 TI1-INA143UA/2K5 Datasheet
331Kb / 15P
DIFFERENCE AMPLIFIERS
INA143UA/2K5E4 TI1-INA143UA/2K5E4 Datasheet
331Kb / 15P
DIFFERENCE AMPLIFIERS
More results


Similar Description - INA143UA/2K5.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA154 TI1-INA154 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA157 TI1-INA157 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com