Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA271A-Q1 Datasheet (PDF) - Texas Instruments

INA271A-Q1 Datasheet PDF - Texas Instruments
Part # INA271A-Q1
Download  INA271A-Q1 Download
File Size   607.96 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA27xA-Q1 Automotive Grade, –16V to 80V, Low- or High-side, High-Speed, Voltage Output Current Sense Amplifier With Simplified Filter Inputs

INA271A-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA271A-Q1 Datasheet PDF - Texas Instruments

Part # INA271A-Q1
Download  INA271A-Q1 Click to download

File Size   607.96 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA27xA-Q1 Automotive Grade, –16V to 80V, Low- or High-side, High-Speed, Voltage Output Current Sense Amplifier With Simplified Filter Inputs

INA271A-Q1 Datasheet (HTML) - Texas Instruments


INA271A-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C6
• Pinout Optimized for External Filtering
• Wide Common-Mode Range: –16 V to +80 V
• Accuracy:
– CMRR: 120 dB
– ±2.5-mV Offset (Maximum)
– ±1% Gain Error (Maximum)
– 20-μV/°C Offset Drift (Maximum)
– 55-ppm/°C Gain Drift (Maximum)
• Bandwidth: Up to 130 kHz
• Two Gain Options Available:
– 14 V/V (INA270A-Q1)
– 20 V/V (INA271A-Q1)
• Quiescent Current: 900 μA (Maximum)
• Power Supply: 2.7 V to 18 V
• Packages: SOIC-8

2 Applications
• Electric Power Steering (EPS) Systems
• Body Control Modules
• Brake Systems
• Electronic Stability Control (ESC) Systems

3 Description
The INA270A-Q1 and INA271A-Q1 (INA27xA-Q1)
family of current-shunt monitors with voltage output
can sense voltage drops across current shunts at
common-mode voltages from –16 V to +80 V,
independent of the supply voltage. The INA27xA-Q1
pinouts readily enable filtering.
The INA27xA-Q1 devices are available with two
output voltage scales: 14 V/V and 20 V/V. The 130-
kHz bandwidth simplifies use in current-control loops.
The INA27xA-Q1 operates from a single 2.7-V to 18-
V supply, drawing a maximum of 900 μA of supply
current. They are specified over the extended
operating temperature range of –40°C to +125°C and
are offered in an SOIC-8 package.




Similar Part No. - INA271A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271A-Q1 TI1-INA271A-Q1 Datasheet
433Kb / 23P
Voltage Output Current Sense Amplifier With Simplified Filter Inputs
More results


Similar Description - INA271A-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
7/06-Revision 0
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
High-Side Current-Sense Amplifier with Low Impedance Voltage Output
logo
Analog Devices
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Texas Instruments
INA300-Q1 TI-INA300-Q1 Datasheet
146Kb / 5P
INA300-Q1 Automotive-Grade, High- or Low-Side, Current-Sense Comparator
INA300-Q1 TI1-INA300-Q1 Datasheet
162Kb / 5P
Automotive-Grade, High- or Low-Side, Current-Sense Comparator
INA210-Q1 TI1-INA210-Q1 Datasheet
1Mb / 31P
Automotive-Grade, Voltage Output, Low- or High-Side Measurement
LMP8480-Q1 TI1-LMP8480-Q1 Datasheet
2Mb / 27P
Automotive, 76-V, High-Side, High-Speed, Current Sense Amplifier
INA270A-Q1 TI1-INA270A-Q1_16 Datasheet
433Kb / 23P
Voltage Output Current Sense Amplifier With Simplified Filter Inputs
INA180 TI1-INA180 Datasheet
1Mb / 30P
Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180-Q1 TI1-INA180-Q1 Datasheet
1Mb / 37P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com