Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELECTRO-OPTIC-SWITCH Datasheet (PDF) - Coherent Corp

ELECTRO-OPTIC-SWITCH Datasheet PDF - Coherent Corp
Part # ELECTRO-OPTIC-SWITCH
Download  ELECTRO-OPTIC-SWITCH Download
File Size   259.46 Kbytes
Page   2 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Fast Rise Time Electro-Optic Switch for CO₂ Lasers

ELECTRO-OPTIC-SWITCH Datasheet (PDF)

Go To PDF Page Download Datasheet
ELECTRO-OPTIC-SWITCH Datasheet PDF - Coherent Corp

Part # ELECTRO-OPTIC-SWITCH
Download  ELECTRO-OPTIC-SWITCH Click to download

File Size   259.46 Kbytes
Page   2 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description Fast Rise Time Electro-Optic Switch for CO₂ Lasers

ELECTRO-OPTIC-SWITCH Datasheet (HTML) - Coherent Corp


ELECTRO-OPTIC-SWITCH Product details

FEATURES
• Fast rise time for improved materials processing
• No beam deflection for simplified delivery optics
• Large aperture (9 mm)
• Handles up to 300 W
• Comparable insertion loss to AOMs
• Supplied as a complete system
• Electro-optic switch, TFPs, Driver, and Power Source

APPLICATIONS
• PCB Via Hole Drilling
• Marking
• Engraving
• Perforating




Similar Part No. - ELECTRO-OPTIC-SWITCH

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ELECTRONIC TEC-ELECTRONIC Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
01/2015
More results


Similar Description - ELECTRO-OPTIC-SWITCH

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ILR SCHURTER-ILR Datasheet
345Kb / 1P
Cost optimized pulse transformers for THT mounting, short rise time
logo
Hittite Microwave Corpo...
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LP3E HITTITE-HMC721LP3E Datasheet
384Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC724LC3C HITTITE-HMC724LC3C Datasheet
383Kb / 8P
14 Gbps FAST RISE TIME 1:2 FANOUT BUFFER
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE
HMC726LC3C HITTITE-HMC726LC3C Datasheet
425Kb / 8P
14 Gbps, FAST RISE TIME AND / NAND / OR / NOR GATE
HMC727LC3C HITTITE-HMC727LC3C Datasheet
618Kb / 8P
14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
HMC744LC3 HITTITE-HMC744LC3 Datasheet
659Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
logo
Analog Devices
HMC723LC3C AD-HMC723LC3C Datasheet
555Kb / 8P
13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
logo
Schurter Inc.
ILR SCHURTER-ILR_V02 Datasheet
211Kb / 2P
Cost optimized pulse transformers for THT mounting, short rise time
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com