Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1153 Datasheet (PDF) - Advanced Analogic Technologies

AAT1153 Datasheet PDF - Advanced Analogic Technologies
Part # AAT1153
Download  AAT1153 Download
File Size   692.08 Kbytes
Page   20 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 2A Step-Down Converter

AAT1153 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1153 Datasheet PDF - Advanced Analogic Technologies

Part # AAT1153
Download  AAT1153 Click to download

File Size   692.08 Kbytes
Page   20 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 2A Step-Down Converter

AAT1153 Datasheet (HTML) - Advanced Analogic Technologies


AAT1153 Product details

General Description
The AAT1153 SwitchReg™ is a 1.2MHz constant frequency current mode PWM step-down converter. It is ideal for portable equipment requiring very high current up to 2A from single-cell Lithium-ion batteries while still achieving over 90% efficiency during peak load conditions. The AAT1153 also can run at 100% duty cycle for low dropout operation, extending battery life in portable systems while light load operation provides very low output ripple for noise sensitive applications.

Features
• Input Voltage Range: 2.5V to 5.5V
• Output Voltages from 0.6V to VIN
• 2A Output Current
• High Efficiency: Up to 95%
• 1.2MHz Constant Switching Frequency
• Low RDS(ON) Internal Switches: 0.15Ω
• Allows Use of Ceramic Capacitors
• Current Mode Operation for Excellent Line and Load Transient Response
• Short-Circuit and Thermal Fault Protection
• Soft Start
• Low Dropout Operation: 100% Duty Cycle
• Low Shutdown Current: ISHUTDOWN < 1μA
• TDFN33-10 Package
• -40°C to +85°C Temperature Range

Applications
• Cellular Phones
• Digital Cameras
• DSP Core Supplies
• PDAs
• Portable Instruments
• Smart Phones




Similar Part No. - AAT1153

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153IDE-0.6-T1 ANALOGICTECH-AAT1153IDE-0.6-T1 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153IDE-0.6-T1 SKYWORKS-AAT1153IDE-0.6-T1 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153IDE-1.8-T1 ANALOGICTECH-AAT1153IDE-1.8-T1 Datasheet
685Kb / 19P
2A Step-Down Converter
More results


Similar Description - AAT1153

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
2A, 22V, 1.2MHz Step-Down Converter
logo
Active-Semi, Inc
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
Lowpower Semiconductor ...
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
1.5MHz, 2A Step-Down Converter
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com