Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3183 Datasheet (PDF) - Advanced Analogic Technologies

AAT3183 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3183
Download  AAT3183 Download
File Size   630.15 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 300mA Inductorless Step-Down Converter

AAT3183 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3183 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3183
Download  AAT3183 Click to download

File Size   630.15 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 300mA Inductorless Step-Down Converter

AAT3183 Datasheet (HTML) - Advanced Analogic Technologies


AAT3183 Product details

General Description
The AAT3183 is a high efficiency step-down charge pump converter providing up to 300mA of output current. The 1/2x (gain) charge pump converter topology provides enhanced efficiency over conventional LDO regulators and requires only three low cost ceramic capacitors. No inductor is required; saving space and cost when compared to inductive switching regulators.

Features
• VIN Range: 2.7V to 5.5V
• VOUT: 1.5V and 1.34V
• 300mA Maximum Output Current
• Ultra-Small Solution for Portable Applications
    ▪ Small Footprint
    ▪ Only Three External Ceramic Capacitors Required
    ▪ No Inductor
• High Efficiency over the Output Current Range
• Excellent Transient Performance
• 35µA Typical Quiescent Current
• <1.0µA Shutdown Current
• Up to 2MHz Switching Frequency
• Integrated Soft-Start
• Short-Circuit and Thermal Protection
• 2.0x2.1mm SC70JW-8 Package
• -40°C to 85°C Temperature Range

Applications
• Camcorders
• Digital Still Cameras
• DSP Core Supplies
• PDAs, Handheld Devices, Notebook PCs
• Smart Phones




Similar Part No. - AAT3183

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3183 ANALOGICTECH-AAT3183 Datasheet
348Kb / 15P
300mA Inductorless Step-Down Converter
AAT3183IJS-1.34-T1 ANALOGICTECH-AAT3183IJS-1.34-T1 Datasheet
348Kb / 15P
300mA Inductorless Step-Down Converter
AAT3183IJS-1.5-T1 ANALOGICTECH-AAT3183IJS-1.5-T1 Datasheet
348Kb / 15P
300mA Inductorless Step-Down Converter
AAT3183 ANALOGICTECH-AAT3183_08 Datasheet
348Kb / 15P
300mA Inductorless Step-Down Converter
More results


Similar Description - AAT3183

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2500M ANALOGICTECH-AAT2500M Datasheet
721Kb / 22P
400mA Step-Down Converter and 300mA LDO
AAT3183 ANALOGICTECH-AAT3183_08 Datasheet
348Kb / 15P
300mA Inductorless Step-Down Converter
logo
Linear Technology
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3252 LINER-LTC3252 Datasheet
292Kb / 12P
Dual, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
Dual, Low Noise, Inductorless Step-Down DC/DC Converter
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com