Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEAD50 Datasheet (PDF) - TT Electronics.

PEAD50 Datasheet PDF - TT Electronics.
Part # PEAD50
Download  PEAD50 Download
File Size   324.36 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PEAD50 Power Supply Series (50W)

PEAD50 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEAD50 Datasheet PDF - TT Electronics.

Part # PEAD50
Download  PEAD50 Click to download

File Size   324.36 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PEAD50 Power Supply Series (50W)

PEAD50 Datasheet (HTML) - TT Electronics.


PEAD50 Product details

Features:
• Class I and Class II Versions
• Efficiency Level VI
• CoC Tier 2 * *
• <210mW No Load Power Consumption
• LED on Indicator
• Overload Protection
• Short Circuit Protection
• No Load Operation
• 100% Burn-In/Hi-Pot Testing
• RoHS Compliant
Description:
The PEAD50 series of AC/DC switching power supplies are for 30-50 watts of continuous power. They are available as Class I or Class II devices with the inlet of the IEC60320/C14, C6, C8, or C18 to mate with an interchangeable cord for world-wide use. All models meet FCC, EN55022, and CISPR22 class B emission limits, and comply with UL, IEC, DOE level VI, CE requirements, and more.




Similar Part No. - PEAD50

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PEAD50B TTELEC-PEAD50B Datasheet
2Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 50W
1 April 2022
PEAD50B-12 TTELEC-PEAD50B-12 Datasheet
2Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 50W
1 April 2022
PEAD50B-13 TTELEC-PEAD50B-13 Datasheet
2Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 50W
1 April 2022
PEAD50B-13-1 TTELEC-PEAD50B-13-1 Datasheet
2Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 50W
1 April 2022
PEAD50B-14 TTELEC-PEAD50B-14 Datasheet
2Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 50W
1 April 2022
More results


Similar Description - PEAD50

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
logo
Mean Well Enterprises C...
NED-50 MEANWELL-NED-50_10 Datasheet
425Kb / 2P
50W Dual Output Switching Power Supply
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
50W Triple Output Switching Power Supply
RQ-50 MEANWELL-RQ-50_11 Datasheet
239Kb / 2P
50W Quad Output Switching Power Supply
RID-50 MEANWELL-RID-50_11 Datasheet
417Kb / 2P
50W Dual Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
50W Single Output Switching Power Supply
logo
ETA-USA
SVB-SC ETA-USA-SVB-SC Datasheet
5Mb / 3P
50W Isolated Power Supply
SVB-SD ETA-USA-SVB-SD Datasheet
2Mb / 3P
50W Isolated Power Supply
VTB-SC ETA-USA-VTB-SC Datasheet
8Mb / 3P
50W Isolated Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com