Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM239A-Q1 Datasheet (PDF) - Texas Instruments

LM239A-Q1 Datasheet PDF - Texas Instruments
Part # LM239A-Q1
Download  LM239A-Q1 Download
File Size   380.2 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL COMPARATOR

LM239A-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM239A-Q1 Datasheet PDF - Texas Instruments

Part # LM239A-Q1
Download  LM239A-Q1 Click to download

File Size   380.2 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL COMPARATOR

LM239A-Q1 Datasheet (HTML) - Texas Instruments


LM239A-Q1 Product details

Qualified for Automotive Applications
ESD Protection Exceeds 1000 V Per
MIL-STD-883, Method 3015; Exceeds 100 V
Using Machine Model (C = 200 pF, R = 0);
Exceeds 2000 V Charged Device Model
Single Supply or Dual Supplies
Wide Range of Supply Voltage
. . . 2 V to 36 V
Low Supply-Current Drain Independent of
Supply Voltage . . . 0.8 mA Typ
Low Input Bias Current . . . 25 nA Typ
Low Input Offset Current . . . 5 nA Typ
Low Input Offset Voltage . . . 2 mV Typ
Common-Mode Input Voltage Range
Includes Ground
Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . . ±36 V
Low Output Saturation Voltage
Output Compatible With TTL, MOS, and
CMOS

description/ordering information
This device consists of four independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies also is possible as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other
open-collector outputs to achieve wired-AND relationships.




Similar Part No. - LM239A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM239A-Q1 TI1-LM239A-Q1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM239A-Q1 TI-LM239A-Q1 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239A-Q1 TI-LM239A-Q1 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239A-Q1 TI1-LM239A-Q1 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239A-Q1 TI-LM239A-Q1 Datasheet
2Mb / 51P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED OCTOBER 2023
More results


Similar Description - LM239A-Q1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com