Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2512A Datasheet (PDF) - Texas Instruments

LM2512A Datasheet PDF - Texas Instruments
Part # LM2512A
Download  LM2512A Download
File Size   692.05 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2512A Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table

LM2512A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2512A Datasheet PDF - Texas Instruments

Part # LM2512A
Download  LM2512A Click to download

File Size   692.05 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2512A Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table

LM2512A Datasheet (HTML) - Texas Instruments


LM2512A Product details

1FEATURES
2• 24-bit RGB Interface Support up to 640 x 480
VGA Format
• Optional 24 to 18-bit Dithering
• Optional Look Up Table for Independent Color
Correction
• MPL-1 Physical Layer
• SPI Interface for Look Up Table Control and
Loading
• Low Power Consumption & Powerdown State
• Level Translation Between Host and Display
• Optional Auto Power Down on STOP PCLK
• Frame Sequence Bits Auto Resync upon Data
or Clock Error
• 1.6V to 2.0V Core / Analog Supply Voltage
• 1.6V to 3.0V I/O Supply Voltage Range

SYSTEM BENEFITS
• Dithered Data Reduction
• Independent RGB Color Correction
• 24-bit Color Input
• Small Interface, Low Power and Low EMI
• Intrinsic Level Translation

DESCRIPTION
The LM2512A is a MPL Serializer (SER) that
performs a 24-bit to 18-bit Dither operation and
serialization of the video signals to Mobile Pixel link
(MPL) levels on only 3 or 4 active signals. An optional
Look Up Table (Three X 256 X 8 bit RAM) is also
provided for independent color correction. 18-bit
Bufferless or partial buffer displays from QVGA (320
x 240) up to VGA (640 x 480) pixels can utilize a 24-
bit video source.
The interconnect is reduced from 28 signals to only 3 or 4 active signals with the LM2512A and companion
deserializer easing flex interconnect design, size
constraints and cost.
The LM2512A SER resides by the application,
graphics or baseband processor and translates the
wide parallel video bus from LVCMOS levels to serial
Mobile Pixel Link levels for transmission over a flex
cable (or coax) and PCB traces to the DES located
near or in the display module.
When in Power_Down, the SER is put to sleep and
draws less than 10μA. The link can also be powered
down by stopping the PCLK (DES dependant) or by
the PD* input pins.
The LM2512A provides enhanced AC performance
over the LM2512. It implements the physical layer of
the MPL-1 and uses a single-ended current-mode
transmission.




Similar Part No. - LM2512A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512A TI-LM2512A Datasheet
1Mb / 28P
LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512A TI1-LM2512A Datasheet
1Mb / 28P
Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512ASM NSC-LM2512ASM Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASM TI-LM2512ASM Datasheet
1Mb / 28P
LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results


Similar Description - LM2512A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
Mobile Pixel Link RGB Display Interface Serializer
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com