Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2724A Datasheet (PDF) - Texas Instruments

LM2724A Datasheet PDF - Texas Instruments
Part # LM2724A
Download  LM2724A Download
File Size   384.92 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2724A High Speed 3A Synchronous MOSFET Driver

LM2724A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2724A Datasheet PDF - Texas Instruments

Part # LM2724A
Download  LM2724A Click to download

File Size   384.92 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2724A High Speed 3A Synchronous MOSFET Driver

LM2724A Datasheet (HTML) - Texas Instruments


LM2724A Product details

1FEATURES
2• Shoot-Through Protection
• Input Under-Voltage-Lock-Out
• 3A Peak Driving Current
• 195μA Quiescent Current
• 28V Input Voltage in Buck Configuration
• SOIC-8 and WSON Packages

APPLICATIONS
• High Current DC/DC Power Supplies
• High Input Voltage Switching Regulators
• Fast Transient Microprocessors
• Notebook Computers

DESCRIPTION
The LM2724A is a dual N-channel MOSFET driver
which can drive both the top and bottom MOSFETs in
a push-pull structure simultaneously. The LM2724A
takes a logic input and splits it into two complimentary
signals with a typical 20ns dead time in between. The
built-in cross-conduction protection circuitry prevents the top and bottom MOSFETs from turning on
simultaneously. With a bias voltage of 5V, the peak
sourcing and sinking current for each driver of the
LM2724A is about 3A. Input UVLO (Under-Voltage-
Lock-Out) ensures that all the driver outputs stay low
until the supply rail exceeds the power-on threshold
during system power on, or after the supply rail drops
below power-on threshold by a specified hysteresis
during system power down. The cross-conduction
protection circuitry detects both driver outputs and will
not turn on a driver until the other driver output is low.
The top gate voltage needed by the top MOSFET is
obtained through an external boot-strap structure.
When not switching, the LM2724A only draws up to
195μA from the 5V rail. The synchronization
operation of the bottom MOSFET can be disabled by
pulling the SYNC pin to ground.




Similar Part No. - LM2724A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
LM2724ALD NSC-LM2724ALD Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
LM2724ALDX NSC-LM2724ALDX Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
LM2724AM NSC-LM2724AM Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
LM2724AMX NSC-LM2724AMX Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
More results


Similar Description - LM2724A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Texas Instruments
LM27224A TI1-LM27224A Datasheet
688Kb / 11P
LM2724A High Speed 3A Synchronous MOSFET Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com