Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JST08 Datasheet (PDF) - JIEJIE MICROELECTRONICS CO.,Ltd

JST08 Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd
Part # JST08
Download  JST08 Download
File Size   381.78 Kbytes
Page   7 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 8A TRIACs

JST08 Datasheet (PDF)

Go To PDF Page Download Datasheet
JST08 Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JST08
Download  JST08 Click to download

File Size   381.78 Kbytes
Page   7 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 8A TRIACs

JST08 Datasheet (HTML) - JIEJIE MICROELECTRONICS CO.,Ltd


JST08 Product details

DESCRIPTION:
JST08 series triacs, with high ability to withstand the shock
loading of large current, provide high dv/dt rate with strong
resistance to electromagnetic interface. With high
commutation performances, 3 quadrants products especially
recommended for use on inductive load.
JST08A provides insulation voltage rated at 2500V RMS
and JST08F provides insulation voltage rated at 2000V
RMS from all three terminals to external heatsink complying
with UL standards (File ref: E252906)




Similar Part No. - JST08

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
8A TRIACs
JST08 JIEJIE-JST08 Datasheet
562Kb / 5P
8A TRIACs
JST08-600B JIEJIE-JST08-600B Datasheet
554Kb / 5P
8A TRIACs
JST08-600B JIEJIE-JST08-600B Datasheet
562Kb / 5P
8A TRIACs
JST08-800B JIEJIE-JST08-800B Datasheet
554Kb / 5P
8A TRIACs
More results


Similar Description - JST08

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
8A TRIACs
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
8A TRIACS
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
8A TRIACS
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
8A TRIACS
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
8A TRIACS
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
8A TRIACs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com