Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTB14620 Datasheet (PDF) - TE Connectivity Ltd

RTB14620 Datasheet PDF - TE Connectivity Ltd
Part # RTB14620
Download  RTB14620 Download
File Size   543.08 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description General Purpose Relays PCB Relays

RTB14620 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTB14620 Datasheet PDF - TE Connectivity Ltd

Part # RTB14620
Download  RTB14620 Click to download

File Size   543.08 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description General Purpose Relays PCB Relays

RTB14620 Datasheet (HTML) - TE Connectivity Ltd


RTB14620 Product details

Power PCB Relay RT1
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
DC or AC coil
5kV/10mm coil-contact, reinforced insulation
Ambient temperature 85°C (DC coil)
WG version: product in accordance to IEC 60335-1
Reflow version: for THR (Through-Hole Reflow) soldering process

Typical applications
Boiler control, timers, garage door control, POS automation, interface modules




Similar Part No. - RTB14620

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RTB14005 SIEMENS-RTB14005 Datasheet
193Kb / 8P
Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
Tyco Electronics
RTB14005 MACOM-RTB14005 Datasheet
286Kb / 4P
Power PCB Relay
RTB14005 MACOM-RTB14005 Datasheet
243Kb / 4P
Power PCB Relay RT1
RTB14005 MACOM-RTB14005 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
RTB14005 MACOM-RTB14005 Datasheet
589Kb / 3P
Power PCB Relay RT1 1 pole 12 / 16 A, DC- or AC-coil
More results


Similar Description - RTB14620

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
General Purpose Relays PCB Relays
04-2011, Rev. 0411
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
V23061B1002A401 MACOM-V23061B1002A401 Datasheet
407Kb / 3P
General Purpose Relays PCB Relays
1670685 MACOM-1670685 Datasheet
381Kb / 2P
General Purpose Relays PCB Relays
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
General Purpose Relays PCB Relays
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
General Purpose Relays PCB Relays
RTD14012AP MACOM-RTD14012AP Datasheet
566Kb / 3P
General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
General Purpose Relays PCB Relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com