Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25115A Datasheet (PDF) - Texas Instruments

LM25115A Datasheet PDF - Texas Instruments
Part # LM25115A
Download  LM25115A Download
File Size   613.7 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking

LM25115A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25115A Datasheet PDF - Texas Instruments

Part # LM25115A
Download  LM25115A Click to download

File Size   613.7 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking

LM25115A Datasheet (HTML) - Texas Instruments


LM25115A Product details

1FEATURES
2• Power-up/Power-down Tracking
• Self-synchronization to Main Channel Output
• Leading Edge Pulse Width Modulation
• Valley Current Mode Control
• Standalone DC/DC Synchronous Buck Mode
• Operates from AC or DC Input up to 42V
• Wide 4.5V to 30V Bias Supply Range
• Wide 0.75V to 13.5V Output Range.
• Top and Bottom Gate Drivers Sink 2.5A Peak
• Adaptive Gate Driver Dead-time Control
• Wide Bandwidth Error Amplifier (4MHz)
• Programmable Soft-start
• Thermal Shutdown Protection
• TSSOP-16 package

DESCRIPTION
The LM25115A controller contains all of the features
necessary to produce multiple tracking outputs using
the Secondary Side Post Regulation (SSPR)
technique. The SSPR technique develops a highly
efficient and well regulated auxiliary output from the
secondary side switching waveform of an isolated power converter. LM25115A can be also used as a
standalone DC/DC synchronous buck controller
(Refer to Standalone DC/DC Synchronous Buck
Mode section). Regulation of the auxiliary output
voltage is achieved by leading edge pulse width
modulation (PWM) of the main channel duty cycle.
Leading edge modulation is compatible with either
current mode or voltage mode control of the main
output. The LM25115A drives external high-side and
low-side NMOS power switches configured as a
synchronous buck regulator. A current sense
amplifier provides overload protection and operates
over a wide common mode input range. Additional
features include a low dropout (LDO) bias regulator,
error amplifier, precision reference, adaptive dead
time control of the gate signals and thermal
shutdown.




Similar Part No. - LM25115A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115A TI-LM25115A Datasheet
917Kb / 26P
LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
National Semiconductor ...
LM25115AMT NSC-LM25115AMT Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115AMT/NOPB TI-LM25115AMT/NOPB Datasheet
917Kb / 26P
LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
National Semiconductor ...
LM25115AMTX NSC-LM25115AMTX Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
More results


Similar Description - LM25115A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
Rev. 3/31/97
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
LM5115A NSC-LM5115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
logo
Texas Instruments
LM5115A TI1-LM5115A_14 Datasheet
947Kb / 24P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
LM5115A TI-LM5115A_15 Datasheet
917Kb / 26P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
LM25115A TI-LM25115A_15 Datasheet
917Kb / 26P
LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com