Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27222 Datasheet (PDF) - Texas Instruments

LM27222 Datasheet PDF - Texas Instruments
Part # LM27222
Download  LM27222 Download
File Size   678.56 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27222 High-Speed 4.5A Synchronous MOSFET Driver

LM27222 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM27222 Datasheet PDF - Texas Instruments

Part # LM27222
Download  LM27222 Click to download

File Size   678.56 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27222 High-Speed 4.5A Synchronous MOSFET Driver

LM27222 Datasheet (HTML) - Texas Instruments


LM27222 Product details

1FEATURES
2• Adaptive Shoot-through Protection
• 10ns Dead Time
• 8ns Propagation Delay
• 30ns Minimum On-time
• 0.4Ω Pull-down and 0.9Ω Pull-up Drivers
• 4.5A Peak Driving Current
• MOSFET Tolerant Design
• 5μA Quiescent Current
• 30V Maximum Input Voltage in Buck
Configuration
• 4V to 6.85V Operating Voltage
• SOIC-8 and WSON Packages

APPLICATIONS non•
High Current Buck And Boost Voltage
Converters
• Fast Transient DC/DC Power Supplies
• Single Ended Forward Output Rectification
• CPU And GPU Core Voltage Regulators

DESCRIPTION
The LM27222 is a dual N-channel MOSFET driver
designed to drive MOSFETs in push-pull
configurations as typically used in synchronous buck
regulators. The LM27222 takes the PWM output from
a controller and provides the proper timing and drive
levels to the power stage MOSFETs. Adaptive shoot- through protection prevents damaging and efficiency
reducing shoot-through currents, thus ensuring a
robust design capable of being used with nearly any
MOSFET. The adaptive shoot-through protection
circuitry also reduces the dead time down to as low
as 10ns, ensuring the highest operating efficiency.
The peak sourcing and sinking current for each driver
of the LM27222 is about 3A and 4.5Amps
respectively with a Vgs of 5V. System performance is
also enhanced by keeping propagation delays down
to 8ns. Efficiency is once again improved at all load
currents by supporting synchronous, non•
synchronous, and diode emulation modes through the
LEN pin. The minimum output pulse width realized at
the output of the MOSFETs is as low as 30ns. This enables high operating frequencies at very high
conversion ratios in buck regulator designs. To
support low power states in notebook systems, the
LM27222 draws only 5μA from the 5V rail when the
IN and LEN inputs are low or floating.




Similar Part No. - LM27222

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Texas Instruments
LM27222 TI-LM27222 Datasheet
843Kb / 16P
LM27222 High-Speed 4.5A Synchronous MOSFET Driver
logo
National Semiconductor ...
LM27222M NSC-LM27222M Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Texas Instruments
LM27222M TI-LM27222M Datasheet
843Kb / 16P
LM27222 High-Speed 4.5A Synchronous MOSFET Driver
LM27222M/NOPB TI-LM27222M/NOPB Datasheet
843Kb / 16P
LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results


Similar Description - LM27222

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Texas Instruments
LM27222 TI-LM27222_15 Datasheet
843Kb / 16P
LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com