Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4570 Datasheet (PDF) - Texas Instruments

LM4570 Datasheet PDF - Texas Instruments
Part # LM4570
Download  LM4570 Download
File Size   320.4 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4570 Single-Ended Input Motor Driver

LM4570 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4570 Datasheet PDF - Texas Instruments

Part # LM4570
Download  LM4570 Click to download

File Size   320.4 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4570 Single-Ended Input Motor Driver

LM4570 Datasheet (HTML) - Texas Instruments


LM4570 Product details

1FEATURES
2• Output Short Circuit Protection
• High Output Current Capability
• Wide Output Voltage Range
• Fast Turn on Time
• Output Short Circuit Protection
• Low Power Shutdown Mode
• Minimum External Components
• Available in Space-Saving WSON Package

APPLICATIONS
• Mobile Phones
• PDAs
• Video Game Systems

KEY SPECIFICATIONS
• High Output Current @ VDD = 3V: 192 mA
• Fast Turn On Time @ 3V: 2.4 ms
• Quiescent Power Supply Current @ 3V: 1.9 mA
• Shutdown Current: 0.1 μA (Typ)

DESCRIPTION
The LM4570 is a single supply motor driver for
improved sensory experience in mobile phones and
other handheld devices. The LM4570 is capable of
driving up to 192mA while operating from a 3V
supply. Near rail-to-rail output swing under load
ensures sufficient voltage drive for most DC motors, while the differential output drive allows the voltage
polarity across the motor to be reversed quickly.
Reversing the voltage gives the LM4570 the ability to
drive a motor both clock-wise and counter clock-wise
from a single supply.
The LM4570 features fast turn on time, and a wide
input voltage range for precise speed control. A low power shutdown mode minimizes power
consumption.
Thermal and output short circuit protection prevents
the device from being damaged during fault
conditions.




Similar Part No. - LM4570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4570 NSC-LM4570 Datasheet
619Kb / 12P
Single-Ended Input Motor Driver
logo
Texas Instruments
LM4570 TI1-LM4570 Datasheet
768Kb / 15P
Single-Ended Input Motor Driver
logo
National Semiconductor ...
LM4570LQ NSC-LM4570LQ Datasheet
619Kb / 12P
Single-Ended Input Motor Driver
logo
Texas Instruments
LM4570LQ/NOPB TI1-LM4570LQ/NOPB Datasheet
768Kb / 15P
Single-Ended Input Motor Driver
LM4570 TI1-LM4570_14 Datasheet
768Kb / 15P
Single-Ended Input Motor Driver
More results


Similar Description - LM4570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4570 NSC-LM4570 Datasheet
619Kb / 12P
Single-Ended Input Motor Driver
logo
New Japan Radio
NJW4372 NJRC-NJW4372 Datasheet
226Kb / 1P
Pulse Input Stepper Motor Driver
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
Single-ended Input and Output
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual
REV. B
logo
Texas Instruments
LM4570 TI1-LM4570_14 Datasheet
768Kb / 15P
Single-Ended Input Motor Driver
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI-OPA862_V02 Datasheet
3Mb / 37P
OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com