Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF65R170E7 Datasheet (PDF) - Shenzhen MSemitek Semiconductor Co., Ltd

SLF65R170E7 Datasheet PDF - Shenzhen MSemitek Semiconductor Co., Ltd
Part # SLF65R170E7
Download  SLF65R170E7 Download
File Size   997.26 Kbytes
Page   9 Pages
Manufacturer  MSEMITEK [Shenzhen MSemitek Semiconductor Co., Ltd]
Direct Link  http://www.msemitek.com/index.html
Logo MSEMITEK - Shenzhen MSemitek Semiconductor Co., Ltd
Description 650V N-Channel MOSFET

SLF65R170E7 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLF65R170E7 Datasheet PDF - Shenzhen MSemitek Semiconductor Co., Ltd

Part # SLF65R170E7
Download  SLF65R170E7 Click to download

File Size   997.26 Kbytes
Page   9 Pages
Manufacturer  MSEMITEK [Shenzhen MSemitek Semiconductor Co., Ltd]
Direct Link  http://www.msemitek.com/index.html
Logo MSEMITEK - Shenzhen MSemitek Semiconductor Co., Ltd
Description 650V N-Channel MOSFET

SLF65R170E7 Datasheet (HTML) - Shenzhen MSemitek Semiconductor Co., Ltd


SLF65R170E7 Product details

General Description
This Power MOSFET is produced using Msemitek‘s
advanced Superjunction MOSFET technology.
This advanced technology has been especially tailored
to minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switched mode power supplies.

Features
- 22A, 650V, RDS(on) =170mΩ@VGS = 10 V
- Low gate charge(typ. Qg = 30.2nC)
- High ruggedness Ultra
- Fast switching
- 100% avalanche tested
- Improved dv/dt capability




Similar Part No. - SLF65R170E7

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
SLF65R190SJ MAPLESMI-SLF65R190SJ Datasheet
905Kb / 8P
650V N-Channel MOSFET
More results


Similar Description - SLF65R170E7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
650V N-Channel MOSFET
HFP2N65 SEMIHOW-HFP2N65 Datasheet
872Kb / 7P
650V N-Channel MOSFET
HFP4N65 SEMIHOW-HFP4N65 Datasheet
802Kb / 8P
650V N-Channel MOSFET
HFP8N65S SEMIHOW-HFP8N65S Datasheet
873Kb / 8P
650V N-Channel MOSFET
HFS2N65 SEMIHOW-HFS2N65 Datasheet
868Kb / 7P
650V N-Channel MOSFET
HFS4N65 SEMIHOW-HFS4N65 Datasheet
848Kb / 7P
650V N-Channel MOSFET
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
650V N-Channel MOSFET
HFU2N65 SEMIHOW-HFU2N65 Datasheet
876Kb / 7P
650V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com