Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM4565 Datasheet (PDF) - New Japan Radio

NJM4565 Datasheet PDF - New Japan Radio
Part # NJM4565
Download  NJM4565 Download
File Size   204.81 Kbytes
Page   4 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description DUAL OPERATIONAL AMPLIFIER

NJM4565 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM4565 Datasheet PDF - New Japan Radio

Part # NJM4565
Download  NJM4565 Click to download

File Size   204.81 Kbytes
Page   4 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description DUAL OPERATIONAL AMPLIFIER

NJM4565 Datasheet (HTML) - New Japan Radio


NJM4565 Product details

■ GENERAL DESCRIPTION ■ PACKAGE OUTLINE
The NJM4565 is a high-gain, wide-bandwidth, dual low noise
operational amplifier capable of driving 20V peak-to-peak into
400Ω loads. The NJM4565 is good characteristics compared to
the NJM4560.

■ FEATURES
● Operating Voltage ( ±4V~±18V )
● Wide Gain Bandwidth Product ( 4MHz typ. )
● Slew Rate ( 4V/μs typ. )
● Package Outline DIP8, DMP8, SSOP8, SIP8
SOP8 JEDEC 150mil
● Bipolar Technology




Similar Part No. - NJM4565

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4565 NJRC-NJM4565 Datasheet
250Kb / 5P
DUAL OPERATIONAL AMPLIFIER?
logo
Nisshinbo Micro Devices...
NJM4565 NISSHINBO-NJM4565 Datasheet
244Kb / 4P
DUAL OPERATIONAL AMPLIFIER
20250306
logo
New Japan Radio
NJM4565D NJRC-NJM4565D Datasheet
250Kb / 5P
DUAL OPERATIONAL AMPLIFIER?
NJM4565L NJRC-NJM4565L Datasheet
250Kb / 5P
DUAL OPERATIONAL AMPLIFIER?
NJM4565M NJRC-NJM4565M Datasheet
250Kb / 5P
DUAL OPERATIONAL AMPLIFIER?
More results


Similar Description - NJM4565

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com