Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC088S022 Datasheet (PDF) - Texas Instruments

ADC088S022 Datasheet PDF - Texas Instruments
Part # ADC088S022
Download  ADC088S022 Download
File Size   759.01 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC088S022 8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter

ADC088S022 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC088S022 Datasheet PDF - Texas Instruments

Part # ADC088S022
Download  ADC088S022 Click to download

File Size   759.01 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC088S022 8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter

ADC088S022 Datasheet (HTML) - Texas Instruments


ADC088S022 Product details

FEATURES
23• Eight Input Channels
• Variable Power Management
• Independent Analog and Digital Supplies
• SPI™/ QSPI™/MICROWIRE/DSP Compatible
• Packaged in 16-Lead TSSOP

APPLICATIONS
• Automotive Navigation
• Portable Systems
• Medical Instruments
• Mobile Communications
• Instrumentation and Control Systems

KEY SPECIFICATIONS
• Conversion Rate: 50 ksps to 200 ksps
• DNL (VA = VD = 2.7V to 5.25V): ±0.2 LSB (Max)
• INL (VA = VD = 2.7V to 5.25V): ±0.2 LSB (Max)
• Power Consumption
– 3V Supply: 0.9 mW (Typ)
– 5V Supply: 5.5 mw (Typ)

DESCRIPTION
The ADC088S022 is a low-power, eight-channel
CMOS 8-bit analog-to-digital converter specified for
conversion throughput rates of 50 ksps to 200 ksps.
The converter is based on a successive•
approximation register architecture with an internal
track-and-hold circuit. It can be configured to accept up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
serial interfaces.
The ADC088S022 may be operated with independent
analog and digital supplies. The analog supply (VA)
can range from +2.7V to +5.25V, and the digital
supply (VD) can range from +2.7V to VA. Normal
power consumption using a +3V or +5V supply is 0.9 mW and 5.5 mW, respectively. The power-down
feature reduces the power consumption to 0.03 μW
using a +3V supply and 0.15 μW using a +5V supply.
The ADC088S022 is packaged in a 16-lead TSSOP
package. Operation over the extended industrial
temperature range of −40°C to +105°C is ensured.




Similar Part No. - ADC088S022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI-ADC088S022 Datasheet
1Mb / 24P
A low-power, eight-channel CMOS 8-bit analog-to-digital converter specified for comversion throughput rates of 50 ksps to 200 ksps.
ADC088S022 TI1-ADC088S022 Datasheet
1Mb / 24P
8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022CIMT NSC-ADC088S022CIMT Datasheet
804Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022CIMT NSC-ADC088S022CIMT Datasheet
824Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
More results


Similar Description - ADC088S022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com