Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC088S102 Datasheet (PDF) - Texas Instruments

ADC088S102 Datasheet PDF - Texas Instruments
Part # ADC088S102
Download  ADC088S102 Download
File Size   755.5 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter

ADC088S102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC088S102 Datasheet PDF - Texas Instruments

Part # ADC088S102
Download  ADC088S102 Click to download

File Size   755.5 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter

ADC088S102 Datasheet (HTML) - Texas Instruments


ADC088S102 Product details

1FEATURES
• Eight Input Channels
• Variable Power Management
• Independent Analog and Digital Supplies
• SPI/QSPI/MICROWIRE/DSP Compatible
• Packaged in 16-Lead TSSOP

APPLICATIONS
• Automotive Navigation
• Portable Systems
• Medical Instruments
• Mobile Communications
• Instrumentation and Control Systems

KEY SPECIFICATIONS
• Conversion Rate: 500 kSPS to 1 MSPS
• DNL (VA = VD = 5.0 V): ±0.3 LSB (max)
• INL (VA = VD = 5.0 V): ±0.2 LSB (max)
• Power Consumption
– 3V Supply: 1.8 mW (typ)
– 5V Supply: 8.0 mW (typ)

DESCRIPTION
The ADC088S102 is a low-power, eight-channel
CMOS 8-bit analog-to-digital converter specified for
conversion throughput rates of 500 kSPS to 1 MSPS.
The converter is based on a successive•
approximation register architecture with an internal
track-and-hold circuit. It can be configured to accept up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is
compatible with several standards, such as SPI,
QSPI, MICROWIRE, and many common DSP serial
interfaces.
The ADC088S102 may be operated with independent
analog and digital supplies. The analog supply (VA)
can range from +2.7V to +5.25V, and the digital
supply (VD) can range from +2.7V to VA. Normal
power consumption using a +3V or +5V supply is 1.8 mW and 8.0 mW, respectively. The power-down
feature reduces the power consumption to 0.03 μW
using a +3V supply and 0.15 μW using a +5V supply.
The ADC088S102 is packaged in a 16-lead TSSOP
package. Operation is specified over the extended
industrial temperature range of −40°C to +105°C.




Similar Part No. - ADC088S102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S102 TI1-ADC088S102 Datasheet
1Mb / 25P
ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102CIMT NSC-ADC088S102CIMT Datasheet
830Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S102CIMT TI1-ADC088S102CIMT Datasheet
1Mb / 25P
ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC088S102CIMT/NOPB TI1-ADC088S102CIMT/NOPB Datasheet
1Mb / 25P
ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
More results


Similar Description - ADC088S102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com