Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP140 Datasheet (PDF) - TT Electronics.

MHP140 Datasheet PDF - TT Electronics.
Part # MHP140
Download  MHP140 Download
File Size   876.98 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 140W TO247 High Power Resistors

MHP140 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHP140 Datasheet PDF - TT Electronics.

Part # MHP140
Download  MHP140 Click to download

File Size   876.98 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 140W TO247 High Power Resistors

MHP140 Datasheet (HTML) - TT Electronics.


MHP140 Product details

· Non-inductive, high power resistor.
· Thermally enhanced Industry standard TO-247 package.
· Extremely Low thermal resistance, 0.9 °C/W resistor
hot spot to metal tab.
· Complete thermal flow design available for easy implementation.
· Small thin package for high density PCB installation.
· RoHS compliant.

Applications
· High frequency circuits and RF power amplifiers.
· UPS and power supply circuits
· Motor control and power/RF power amplifiers.
· Industrial power equipment.
· PLC drivers.
· Inrush current protection.




Similar Part No. - MHP140

ManufacturerPart #DatasheetDescription
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
140W TO-247 HIGH POWER RESISTORS
logo
TT Electronics.
MHP140 TTELEC-MHP140 Datasheet
818Kb / 6P
100W TO247 High Power Resistors
04.12
logo
Bi technologies
MHP1400R100F BITECH-MHP1400R100F Datasheet
909Kb / 2P
140W TO-247 HIGH POWER RESISTORS
MHP1400R100J BITECH-MHP1400R100J Datasheet
909Kb / 2P
140W TO-247 HIGH POWER RESISTORS
MHP140500F BITECH-MHP140500F Datasheet
909Kb / 2P
140W TO-247 HIGH POWER RESISTORS
More results


Similar Description - MHP140

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
POWER TRANSISTORS(20A,140W)
2N5671 MOSPEC-2N5671 Datasheet
125Kb / 3P
POWER TRANSISTORS(30A,140W)
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
140W MONO BASH POWER AMPLIFIER
Jul-2003
logo
DB Lectro Inc
RNP100S DBLECTRO-RNP100S Datasheet
185Kb / 2P
TO247 140W HIGH POWER RESISTORS
RNP50S DBLECTRO-RNP50S Datasheet
282Kb / 2P
TO247 100W HIGH POWER RESISTORS
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
140W TO-247 HIGH POWER RESISTORS
logo
RCD COMPONENTS INC.
HDP220P-R010JB RCD-HDP220P-R010JB Datasheet
84Kb / 1P
POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
logo
American Accurate Compo...
RHP-10X-R02JYT AAC-RHP-10X-R02JYT Datasheet
301Kb / 8P
HIGH POWER RESISTOR - 20W to 140W
logo
ETA-USA
MTE140-SX-F-W6 ETA-USA-MTE140-SX-F-W6 Datasheet
2Mb / 5P
140W Medical Approvals
logo
Ningbo Leison Motor Co....
LS-6IK140-6GU NINGBO-LS-6IK140-6GU Datasheet
937Kb / 1P
Induction Motor 140W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com