Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP-35 Datasheet (PDF) - TT Electronics.

MHP-35 Datasheet PDF - TT Electronics.
Part # MHP-35
Download  MHP-35 Download
File Size   844.43 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 20W TO220 High Power Resistors

MHP-35 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHP-35 Datasheet PDF - TT Electronics.

Part # MHP-35
Download  MHP-35 Click to download

File Size   844.43 Kbytes
Page   6 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 20W TO220 High Power Resistors

MHP-35 Datasheet (HTML) - TT Electronics.


MHP-35 Product details

· Non-inductive.
· Thermally enhanced Industry standard TO220 package.
· RoHS compliant.
· Low thermal resistance, 5.9 °C/W resistor hot spot to metal tab.
· Complete thermal flow design available for easy implementation.
· Superior vibration durability.
· Small thin package for high density PCB installation.
Applications
· High frequency circuits and high speed pulse designs.
· Switch mode power supplies.
· Motor control and drive circuits.
· Automotive.
· Industrial computing and measurement systems.




Similar Part No. - MHP-35

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MHP-35 TTELEC-MHP-35 Datasheet
478Kb / 6P
High stability film resistance elements
MHP-35 TTELEC-MHP-35 Datasheet
760Kb / 6P
TO-220 housing
MHP-35 TTELEC-MHP-35 Datasheet
461Kb / 6P
High Power Resistors
07. 13
More results


Similar Description - MHP-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
20W TO-220 HIGH POWER RESISTORS
logo
DB Lectro Inc
RNP-10S DBLECTRO-RNP-10S Datasheet
202Kb / 2P
TO126 20W HIGH POWER RESISTORS
RNP-10 DBLECTRO-RNP-10 Datasheet
271Kb / 2P
TO220 20W HIGH POWER RESISTORS
RNP50U DBLECTRO-RNP50U Datasheet
209Kb / 2P
50W TO220 HIGH POWER RESISTORS
RNP20S DBLECTRO-RNP20S Datasheet
264Kb / 2P
TO220 35W HIGH POWER RESISTORS
logo
Bi technologies
MHP20S BITECH-MHP20S Datasheet
866Kb / 2P
20W TO-126 HIGH POWER RESISTORS
SMHP BITECH-SMHP Datasheet
799Kb / 2P
20W TO-263 HIGH POWER SURFACE MOUNT RESISTORS
logo
List of Unclassifed Man...
MHP20S100F ETC2-MHP20S100F Datasheet
658Kb / 3P
20W TO126 High Power Resistors
MHP50102F ETC2-MHP50102F Datasheet
447Kb / 3P
50W TO220 High Power Resistors
MHP201R0F ETC2-MHP201R0F Datasheet
665Kb / 3P
20W TO220 High Power Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com