Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN339AN Datasheet (PDF) - ON Semiconductor

FDN339AN Datasheet PDF - ON Semiconductor
Part # FDN339AN
Download  FDN339AN Download
File Size   191.53 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel 2.5V Specified PowerTrench MOSFET

FDN339AN Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN339AN Datasheet PDF - ON Semiconductor

Part # FDN339AN
Download  FDN339AN Click to download

File Size   191.53 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel 2.5V Specified PowerTrench MOSFET

FDN339AN Datasheet (HTML) - ON Semiconductor


FDN339AN Product details

General Description
This N-Channel 2.5V specified MOSFET is produced using Fairchild Semiconductor's advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance.

Applications
• DC/DC converter
• Load switch

Features
• 3 A, 20 V. RDS(ON) = 0.035 Ω @ VGS = 4.5 V RDS(ON) = 0.050 Ω @ VGS = 2.5 V.
• Low gate charge (7nC typical).
• High performance trench technology for extremely low RDS(ON).
• High power and current handling capability.




Similar Part No. - FDN339AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
N-Channel 2.5V Specified PowerTrench MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDN339AN EVVOSEMI-FDN339AN Datasheet
322Kb / 5P
N-Channel 2.5 V (D-S) MOSFET
Rev:2023A2
More results


Similar Description - FDN339AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
N-Channel 2.5V Specified PowerTrench MOSFET
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDZ203N FAIRCHILD-FDZ203N Datasheet
145Kb / 6P
N-Channel 2.5V Specified PowerTrench BGA MOSFET
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
Single N-Channel, 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
N-Channel 2.5V Specified PowerTrench MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com