Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337D2TR4G Datasheet (PDF) - ON Semiconductor

LM337D2TR4G Datasheet PDF - ON Semiconductor
Part # LM337D2TR4G
Download  LM337D2TR4G Download
File Size   265.26 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Voltage Regulator - Adjustable Output, Negative

LM337D2TR4G Datasheet (PDF)

Go To PDF Page Download Datasheet
LM337D2TR4G Datasheet PDF - ON Semiconductor

Part # LM337D2TR4G
Download  LM337D2TR4G Click to download

File Size   265.26 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Voltage Regulator - Adjustable Output, Negative

LM337D2TR4G Datasheet (HTML) - ON Semiconductor


LM337D2TR4G Product details

Features
• Output Current in Excess of 1.5 A
• Output Adjustable between −1.2 V and −37 V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting Constant with Temperature
• Output Transistor Safe−Area Compensation
• Floating Operation for High Voltage Applications
• Eliminates Stocking many Fixed Voltages
• Available in Surface Mount D2PAK and Standard 3−Lead Transistor
Package
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - LM337D2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337D2TR4G ONSEMI-LM337D2TR4G Datasheet
133Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TR4G ONSEMI-LM337D2TR4G Datasheet
160Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337D2TR4G ONSEMI-LM337D2TR4G Datasheet
123Kb / 11P
1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Similar Description - LM337D2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137R SEME-LAB-IP137R Datasheet
170Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com